Electronic Components Datasheet Search |
|
MX23L8103XI-90 Datasheet(PDF) 2 Page - Macronix International |
|
MX23L8103XI-90 Datasheet(HTML) 2 Page - Macronix International |
2 / 8 page 2 P/N:PM0622 REV. 1.7, MAY 03, 2004 MX23L8103 MODE SELECTION CE# OE# Byte# D15/A-1 D0~D7 D8~D15 Mode Power H X X X High Z High Z - Stand-by L H X X High Z High Z - Active L L H Output D0~D7 D8~D15 Word Active L L L Input D0~D7 High Z Byte Active 48 mini BGA (Top View, Ball Down) ORDER INFORMATION Part No. Speed Package Grade MX23L8103TC-70 70ns 48 pin TSOP Commercial MX23L8103TC-90 90ns 48 pin TSOP Commercial MX23L8103TC-12 120ns 48 pin TSOP Commercial MX23L8103TI-70 70ns 48 pin TSOP Industrial MX23L8103TI-90 90ns 48 pin TSOP Industrial MX23L8103TI-12 120ns 48 pin TSOP Industrial MX23L8103XI-70 70ns 48 ball mini BGA Industrial MX23L8103XI-90 90ns 48 ball mini BGA Industrial MX23L8103XI-12 120ns 48 ball mini BGA Industrial A1 A3 A2 A7 A3 NC A4 NC A5 A9 A6 A13 B1 A4 B2 A17 B3 NC B4 NC B5 A8 B6 A12 C1 A2 C2 A6 C3 A18 C4 NC C5 A10 C6 A14 D1 A1 D2 A5 D3 NC D4 NC D5 A11 D6 A15 E1 A0 E2 D0 E3 D2 E4 D5 E5 D7 E6 A16 F1 CE# F2 D8 F3 D10 F4 D12 F5 D14 F6 BYTE# G1 OE# G2 D9 G3 D11 G4 Vcc G5 D13 G6 D15/A-1 H1 Vss H2 D1 H3 D3 H4 D4 H5 D6 H6 Vss 6.0 mm 8.0 mm Note: Industrial grade temperature: -40 ~ 85 ° C Commercial grade temperature: 0 ~ 70 ° C |
Similar Part No. - MX23L8103XI-90 |
|
Similar Description - MX23L8103XI-90 |