Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8133B Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8133B
Description  White LED Driver IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8133B Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8133B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8133B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8133B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8133B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8133B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8133B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8133B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8133B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8133B Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SM8133B
NIPPON PRECISION CIRCUITS INC.—5
SPECIFICATIONS
Absolute Maximum Ratings
GND = PGND = 0V
Note. The device may suffer breakdown if any one of these parameter ratings is exceeded.
I
Maximum junction temperature: TMAX = 125°C
I
Operating temperature: Ta [
°C]
I
Thermal resistance:
θJ = 70°C/W
Recommended Operating Conditions
GND = PGND = 0V
Parameter
Symbol
Rating
Unit
Supply voltage range
VIN
−0.3 to 5.5
V
Input voltage range
VEN, VSEL
–0.3 to VIN + 0.3
V
Output voltage range
VDIN1 to 7
–0.3 to VIN + 0.3
V
VOUT
5.5
V
VOUT output current
IOUT
500
mA
LDO output current
ILDO
200
mA
Power dissipation
PD
1429 (Ta = 25
°C)*1
*1. When mounted on a 34
× 40 × 1.6mm glass epoxy board, the power dissipation is related to the operating temperature
by the following equation.
mW
Junction temperature
TJMAX
+125
°C
Storage temperature range
Tstg
−55 to +125
°C
P =
(TMAX
− Ta)
θ
D
J
0
400
800
1200
1600
25
35
45
55
65
75
85
Operating temperature [
°C]
1429
1143
857
571
Parameter
Pin
Symbol
Conditions
Rating
Unit
min
typ
max
Supply voltage range
VIN
VIN1
×1.0 mode, IOUT = 0mA
2.7
3.6
4.6
V
VIN2
×1.5 mode, IOUT = 80mA
3.0
3.6
4.6
V
VIN3
×1.5 mode, IOUT = 200mA
3.3
3.6
4.6
V
Input voltage range
EN, SCK,
SDA,
RESETB
VES
Each logic-level pin
0
VIN
V
Ambient temperature range
Ta
−30
+85
°C


Similar Part No. - SM8133B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8133B NPC-SM8133B Datasheet
175Kb / 23P
   White LED Driver IC
SM8133BB NPC-SM8133BB Datasheet
175Kb / 23P
   White LED Driver IC
SM8133BW NPC-SM8133BW Datasheet
175Kb / 23P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
More results

Similar Description - SM8133B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com