Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F042-GQ Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F042-GQ
Description  25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F042-GQ Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F042-GQ Datasheet HTML 1Page - Silicon Laboratories C8051F042-GQ Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAN 2.0B
Copyright © 2005 by Silicon Laboratories
5.5.2005
UART1
SMBus
SPI Bus
PCA
Timers
0,1,2,3,4
Internal
2%
Oscillator
P2.0/CPx
P2.7/CPx
P0.0
P0.7
DAC1
(12-Bit)
VREF
DAC0
(12-Bit)
UART0
8:1
WDT
P7 Latch
P5 Latch
P6 Latch
P5.0/A0
P5.7/A7
P5
DRV
P6.0/A8
P6.7/A15
P6
DRV
P4
DRV
P4.5/ALE
P4.6/RD
P4.7/WR
P4.4
Addr [15:8]
Addr [7:0]
Ctrl Latch
Data Latch
A
M
U
X
8:2
HVAMP
TEMP
SENSOR
P0
Drv
P1
Drv
P2
Drv
P3
Drv
Port
0,1,2,3
&4
Latches
CAN
2.0B
CRX0
CTX0
8
0
5
1
C
o
r
e
Reset
A
M
U
X
ADC
100 ksps
(10-Bit)
External Data Memory Bus
32x136
CANRAM
256 byte
RAM
4 kB
XRAM
P3.0/AIN0.6
P3.7/AIN0.7
P1.0/AIN1.0
P1.7/AIN1.7
64 kB
FLASH
System
Clock
External
Oscillator
Circuit
VDD
Monitor
C
R
O
S
S
B
A
R
Data [7:0]
Address [15:0]
Bus Control
Digital Power
Port 4 <from crossbar>
A
M
U
X
ADC
500 ksps
(8-Bit)
VREF2
P2.1
P2.0
+
-
CP0
P2.3
P2.2
+
-
CP1
P2.5
P2.4
+
-
CP2
P4.0
SFR Bus
P7
DRV
P7.0/D0
P7.7/D7
Debug HW
Boundary Scan
JTAG
Logic
Analog Power
Prog
Gain
Prog
Gain
VDD
VDD
VDD
DGND
DGND
DGND
RST
AV+
TCK
TMS
TDI
TDO
AGND
AGND
AGND
AV+
AV+
XTAL1
XTAL2
DAC1
AIN0.0
AIN0.1
AIN0.2
AIN0.3
DAC0
VREF
MONEN
VREFD
VREF0
HVAIN+
HVAIN-
HVREF
HVCAP
C8051F042
25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
Analog Peripherals
10-Bit ADC
- ±1 LSB INL; guaranteed monotonic
- Programmable throughput up to 100 ksps
- 13 external inputs; programmable as single-ended or differential
- Programmable amplifier gain: 16, 8, 4, 2, 1, 0.5
- Data-dependent windowed interrupt generator
- Built-in temperature sensor (±3 °C)
High-Voltage Differential Amplifier
- 60 V common mode input range
- Offset adjust from –60 to +60 V
- 16 gain settings from 0.05 to 16
8-Bit ADC
- Programmable throughput up to 500 ksps
- 8 external inputs; programmable as single-ended or differential
- Programmable amplifier gain: 4, 2, 1, 0.5
Two 12-Bit DACs
Three Comparators
Internal Voltage Reference
Precision VDD Monitor/Brown-out Detector
On-Chip JTAG Debug & Boundary Scan
- On-chip debug circuitry facilitates full speed, non-intrusive in-system
debug (no emulator required)
- Provides breakpoints, single stepping, watchpoints, stack monitor, pro-
gram trace memory
- Inspect/modify memory and registers
- Superior performance to emulation systems using ICE-chips, target
pods, and sockets
- IEEE1149.1 compliant boundary scan
Supply Voltage: 2.7 to 3.6 V
- Typical operating current: 10 mA at 25 MHz
- Multiple power saving sleep and shutdown mode
Temperature Range: –40 to +85 °C
High-Speed 8051 µC Core
- Pipelined instruction architecture; executes 70% of instructions in 1 or 2
system clocks
- Up to 25 MIPS throughput with 25 MHz system clock
- Expanded interrupt handler
Memory
- 4352 bytes data RAM
- 64 kB Flash; in-system programmable in 512-byte sectors (512 bytes
are reserved)
- External parallel data memory interface
CAN Bus 2.0B
- 32 message objects
- ”Mailbox" implementation only interrupts CPU when needed
Digital Peripherals
- 64 port I/O; all are 5 V tolerant
- Hardware SMBus™ (I2C™ compatible), SPI™, and two UART serial
ports available concurrently
- Programmable 16-bit counter array with 6 capture/compare modules
- 5 general-purpose 16-bit counter/timers
- Dedicated watchdog timer; bidirectional reset
- Real-time clock mode using timer 3 or PCA
Clock Sources
- Internal programmable 2% oscillator: up to 25 MHz
- External oscillator: Crystal, RC, C, or Clock
Package
- 100-pin TQFP (standard lead and lead-free packages
Ordering Part Numbers
- Lead-free package: C8051F042-GQ
- Standard package: C8051F042


Similar Part No. - C8051F042-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F042-GQ SILABS-C8051F042-GQ Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F042-GQ SILABS-C8051F042-GQ Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
C8051F042-GQR SILABS-C8051F042-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F042-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F044 SILABS-C8051F044 Datasheet
438Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F022 SILABS-C8051F022 Datasheet
176Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F023 SILABS-C8051F023 Datasheet
194Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F043 SILABS-C8051F043 Datasheet
418Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F133 SILABS-C8051F133 Datasheet
178Kb / 2P
   100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F040 SILABS-C8051F040 Datasheet
435Kb / 2P
   25 MIPS, 64 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F062 SILABS-C8051F062 Datasheet
433Kb / 2P
   25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F018 SILABS-C8051F018 Datasheet
420Kb / 2P
   25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F060-GQR SILABS-C8051F060-GQR Datasheet
442Kb / 2P
   25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com