Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L8102XI-70 Datasheet(PDF) 1 Page - Macronix International

Part # MX23L8102XI-70
Description  8M-BIT MASK ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L8102XI-70 Datasheet(HTML) 1 Page - Macronix International

  MX23L8102XI-70 Datasheet HTML 1Page - Macronix International MX23L8102XI-70 Datasheet HTML 2Page - Macronix International MX23L8102XI-70 Datasheet HTML 3Page - Macronix International MX23L8102XI-70 Datasheet HTML 4Page - Macronix International MX23L8102XI-70 Datasheet HTML 5Page - Macronix International MX23L8102XI-70 Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
P/N:PM0817
REV. 1.5 , JUN. 23, 2003
FEATURES
• Bit organization
- 1M x 8 (byte mode)
- 512K x 16 (word mode)
• Fast access time
- Random access:70ns(max.)
• Current
- Operating:15mA
- Standby:5uA
• Supply voltage
- 2.7V ~ 3.6V
• Package
- 48 ball mini BGA (6mm x 8mm, ball pitch 0.8mm, ball
size 0.4mm)
PIN DESCRIPTION
Symbol
Pin Function
A0~A18
Address Inputs
D0~D14
Data Outputs
D15/A-1
D15 (Word Mode)/ LSB Address
(Byte Mode)
CE#
Chip Enable Input
OE#
Output Enable Input
Byte#
Word/ Byte Mode Selection
VCC
Power Supply Pin
VSS
Ground Pin
NC
No Connection
PIN CONFIGURATION
MX23L8102
8M-BIT MASK ROM
48 mini BGA (Top View, Ball Down)
A1
A3
A2
A7
A3
NC
A4
NC
A5
A9
A6
A13
B1
A4
B2
A17
B3
NC
B4
NC
B5
A8
B6
A12
C1
A2
C2
A6
C3
A18
C4
NC
C5
A10
C6
A14
D1
A1
D2
A5
D3
NC
D4
NC
D5
A11
D6
A15
E1
A0
E2
D0
E3
D2
E4
D5
E5
D7
E6
A16
F1
CE#
F2
D8
F3
D10
F4
D12
F5
D14
F6
BYTE#
G1
OE#
G2
D9
G3
D11
G4
Vcc
G5
D13
G6
D15/A-1
H1
Vss
H2
D1
H3
D3
H4
D4
H5
D6
H6
Vss
6.0 mm
8.0 mm


Similar Part No. - MX23L8102XI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100MC-10 MCNIX-MX23L8100MC-10 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100MC-12 MCNIX-MX23L8100MC-12 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100MC-15 MCNIX-MX23L8100MC-15 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100PC-10 MCNIX-MX23L8100PC-10 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
More results

Similar Description - MX23L8102XI-70

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
logo
Macronix International
MX23L8103 MCNIX-MX23L8103 Datasheet
309Kb / 8P
   8M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L800D GENERALPLUS-GPR23L800D Datasheet
354Kb / 8P
   8M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
   8M-bit Mask ROM
logo
Macronix International
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com