Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F017 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F017
Description  25 MIPS, 32 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F017 Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F017 Datasheet HTML 1Page - Silicon Laboratories C8051F017 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Precision Mixed Signal
Copyright © 2004 by Silicon Laboratories
6.15.2004
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
C8051F017
25 MIPS, 32 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
Selected Electrical Specifications
(TA = –40 to +85 C°, VDD = 2.7 V unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GLOBAL CHARACTERISTICS
Analog Supply Voltage
2.7
3.6
V
Analog Supply Current
Internal REF, ADC, DAC, Comparators all
active
0.8
mA
Analog Supply Current with
analog sub-systems inactive
Internal REF, ADC, DAC, Comparators all
disabled
5
µA
Digital Supply Voltage
2.7
3.6
V
Digital Supply Current with
CPU active
Clock = 25 MHz
Clock = 1 MHz
Clock = 32 kHz
12
0.5
20
mA
mA
µA
Digital Supply Current
(shutdown mode)
Oscillator not running
2
µA
VDD Data Retention Voltage
RAM remains valid
1.5
V
CPU & DIGITAL I/O
Clock Frequency Range
DC
25
MHz
Port Output High Voltage
IOH = –3 mA, Port I/O push-pull
VDD – 0.7
V
Port Output Low Voltage
IOL = 8.5 mA
0.6
V
Input High Voltage
0.8 x VDD
V
Input Low Voltage
0.2 x VDD
V
SMBus SCL Frequency
SYSCLK = MCU system clock
SYSCLK/8
MHz
SPI Bus Clock Frequency
SYSCLK = MCU system clock
SYSCLK/2
MHz
A/D CONVERTER
Resolution
10
bits
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
Throughput Rate
100
ksps
Input Voltage Range
0
VREF
V
D/A CONVERTERS
Resolution
12
bits
Integral Nonlinearity
Specified from Data Word 014h to FEBh
±4
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
Offset Error
Data Word = 014h
±3
LSB
Output Settling Time
To ½ LSB of full-scale
10
µs
Output Voltage Swing
0
VREF – 1 LSB
V
COMPARATOR
Supply Current
1.5
µA
Response Time
| (CP+) – (CP-) | = 100 mV
4
µs
Input Voltage Range
–0.25
(AV+) +0.25
V
Input Bias Current
–5
0.001
+5
nA
Input Offset Voltage
–10
+10
mV
Package Information
A
A1
A2
b
D
D1
e
E
E1
-
0.05
1.35
0.30
-
-
-
-
-
-
-
1.40
0.37
9.00
7.00
0.80
9.00
7.00
1.60
0.15
1.45
0.45
-
-
-
-
-
MIN
(mm)
NOM
(mm)
MAX
(mm)
PIN 1
IDENTIFIER
A1
e
b
1
32
E1
D1
D
E
A2
A
C8051F005DK Development Kit


Similar Part No. - C8051F017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F017 ETC-C8051F017 Datasheet
1Mb / 170P
   Mixed-Signal 32KB ISP FLASH MCU Family
logo
Silicon Laboratories
C8051F017 SILABS-C8051F017 Datasheet
5Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
C8051F017 SILABS-C8051F017 Datasheet
2Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
Rev. 1.7
More results

Similar Description - C8051F017

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F007 SILABS-C8051F007 Datasheet
166Kb / 2P
   25 MIPS, 32 kB Flash, 12-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F312 SILABS-C8051F312 Datasheet
172Kb / 2P
   25 MIPS, 8 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F016 SILABS-C8051F016 Datasheet
420Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F047 SILABS-C8051F047 Datasheet
410Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F310-GQR SILABS-C8051F310-GQR Datasheet
172Kb / 2P
   25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F046 SILABS-C8051F046 Datasheet
413Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F310 SILABS-C8051F310 Datasheet
164Kb / 2P
   25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F012 SILABS-C8051F012 Datasheet
166Kb / 2P
   20 MIPS, 32 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F067 SILABS-C8051F067 Datasheet
195Kb / 2P
   25 MIPS, 32 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com