Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L6454 Datasheet(PDF) 6 Page - Macronix International

Part # MX23L6454
Description  64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L6454 Datasheet(HTML) 6 Page - Macronix International

Back Button MX23L6454 Datasheet HTML 2Page - Macronix International MX23L6454 Datasheet HTML 3Page - Macronix International MX23L6454 Datasheet HTML 4Page - Macronix International MX23L6454 Datasheet HTML 5Page - Macronix International MX23L6454 Datasheet HTML 6Page - Macronix International MX23L6454 Datasheet HTML 7Page - Macronix International MX23L6454 Datasheet HTML 8Page - Macronix International MX23L6454 Datasheet HTML 9Page - Macronix International MX23L6454 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
P/N: PM1127
REV. 1.1, MAR. 09, 2005
MX23L6454
INSTRUCTIONS
All instructions, addresses and data are shifted in and out
of the device, most significant bit first.
Serial Data Input (D) is sampled on the first rising edge of
Serial Clock (C) after Chip Select (S#) is driven Low. Then,
the one-byte instruction code must be shifted in to the
device, most significant bit first, on Serial Data Input (D),
each bit being latched on the rising edges of Serial Clock
(C).
The instruction set is listed in Table 1.
Table 1. Instruction Set
Every instruction sequence starts with a one-byte instruc-
tion code. Depending on the instruction, this might be
followed by address bytes, or by data bytes, or by both or
none.
In the case of a Read Data Bytes (READ), Read Data
Bytes at Higher Speed (Fast_Read), the shifted-in instruc-
tion sequence is followed by a data-out sequence. Chip
Select (S#) can be driven High after any bit of the data-out
sequence is being shifted out.
Instruction
Description
One-byte Instruction Code
Address
Bytes
Dummy
Bytes
Data
Bytes
READ
Read Data Bytes
0000 0011
03h
3
0
1 to
FAST_READ
Read Data Bytes at Higher Speed
0000 1011
0Bh
3
1
1 to


Similar Part No. - MX23L6454

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
MX23L6410A MCNIX-MX23L6410A Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-70G MCNIX-MX23L6410AMC-70G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-90G MCNIX-MX23L6410AMC-90G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410ATC-70 MCNIX-MX23L6410ATC-70 Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
More results

Similar Description - MX23L6454

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR26L640A GENERALPLUS-GPR26L640A Datasheet
299Kb / 16P
   64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S064 NUVOTON-N55S064 Datasheet
196Kb / 17P
   64M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L128A GENERALPLUS-GPR26L128A Datasheet
307Kb / 16P
   128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
GPR26L320A GENERALPLUS-GPR26L320A Datasheet
274Kb / 16P
   32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Macronix International
MX23L3254 MCNIX-MX23L3254 Datasheet
208Kb / 18P
   32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
MX23L12854 MCNIX-MX23L12854 Datasheet
203Kb / 18P
   128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
MX23L1654 MCNIX-MX23L1654 Datasheet
208Kb / 18P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L080A GENERALPLUS-GPR26L080A Datasheet
287Kb / 17P
   8M-BIT Low Voltage, Serial Mask ROM with 50MHz SPI Bus Interface
GPR26L160A GENERALPLUS-GPR26L160A Datasheet
256Kb / 16P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S016 NUVOTON-N55S016 Datasheet
492Kb / 17P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com