Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L3213TI-12G Datasheet(PDF) 1 Page - Macronix International

Part # MX23L3213TI-12G
Description  32M-BIT MASK ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L3213TI-12G Datasheet(HTML) 1 Page - Macronix International

  MX23L3213TI-12G Datasheet HTML 1Page - Macronix International MX23L3213TI-12G Datasheet HTML 2Page - Macronix International MX23L3213TI-12G Datasheet HTML 3Page - Macronix International MX23L3213TI-12G Datasheet HTML 4Page - Macronix International MX23L3213TI-12G Datasheet HTML 5Page - Macronix International MX23L3213TI-12G Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
P/N:PM0716
REV. 1.7 ,JUN. 29, 2005
FEATURES
• Bit organization
- 4M x 8 (byte mode)
- 2M x 16 (word mode)
• Fast access time
- Random access:70ns(max.)
• Current
- Operating:16mA
- Standby:5uA
• Supply voltage
- 2.7V ~ 3.6V
• Package
- 48 pin TSOP (12mm x 20mm)
• Temperature
- -40 ~ 85
° C
PIN DESCRIPTION
Symbol
Pin Function
A0~A20
Address Inputs
D0~D14
Data Outputs
D15/A-1
D15 (Word Mode)/ LSB Address
(Byte Mode)
CE#
Chip Enable Input
OE#
Output Enable Input
Byte#
Word/ Byte Mode Selection
VCC
Power Supply Pin
VSS
Ground Pin
NC
No Connection
PIN CONFIGURATION
48 TSOP (Top View)
MX23L3213
32M-BIT MASK ROM
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
NC
NC
NC
NC
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
BYTE#
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
D11
D3
D10
D2
D9
D1
D8
D0
OE#
VSS
CE#
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX23L3213
(Normal Type)
MODE SELECTION
CE#
OE#
Byte#
D15/A-1
D0~D7
D8~D15
Mode
Power
H
X
X
X
High Z
High Z
-
Stand-by
L
H
X
X
High Z
High Z
-
Active
L
L
H
Output
D0~D7
D8~D15
Word
Active
L
L
L
Input
D0~D7
High Z
Byte
Active


Similar Part No. - MX23L3213TI-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-10 MCNIX-MX23L3210MC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-12 MCNIX-MX23L3210MC-12 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-15 MCNIX-MX23L3210MC-15 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210RC-10 MCNIX-MX23L3210RC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - MX23L3213TI-12G

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
   32M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR032 SONIX-SNR032 Datasheet
250Kb / 10P
   32M-bit Mask ROM
logo
Macronix International
MX23L3212 MCNIX-MX23L3212 Datasheet
156Kb / 6P
   32M-BIT MASK ROM
MX23L3216 MCNIX-MX23L3216 Datasheet
39Kb / 5P
   32M-BIT MASK ROM
MX23L3214 MCNIX-MX23L3214 Datasheet
435Kb / 9P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3211E GENERALPLUS-GPR23L3211E Datasheet
302Kb / 10P
   32M-Bit Page Mode Mask Rom
logo
Samsung semiconductor
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
   32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
logo
Macronix International
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
   32M-BIT MASK ROM (16/32 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com