Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23L3214-80 Datasheet(PDF) 3 Page - Macronix International

Part # 23L3214-80
Description  32M-BIT MASK ROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23L3214-80 Datasheet(HTML) 3 Page - Macronix International

  23L3214-80 Datasheet HTML 1Page - Macronix International 23L3214-80 Datasheet HTML 2Page - Macronix International 23L3214-80 Datasheet HTML 3Page - Macronix International 23L3214-80 Datasheet HTML 4Page - Macronix International 23L3214-80 Datasheet HTML 5Page - Macronix International 23L3214-80 Datasheet HTML 6Page - Macronix International 23L3214-80 Datasheet HTML 7Page - Macronix International 23L3214-80 Datasheet HTML 8Page - Macronix International 23L3214-80 Datasheet HTML 9Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
P/N:PM0754
REV. 2.2, MAY. 30, 2005
MX23L3214
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Ratings
Voltage on any Pin Relative to VSS
VIN
-0.3V to 3.9V
Ambient Operating Temperature
Topr
-40
°C to 85°C
Storage Temperature
Tstg
-65
°C to 125°C
DC CHARACTERISTICS (Ta = -40
° C ~ 85° C, VCC = 2.7V~3.6V)
Item
Symbol
MIN.
MAX.
Conditions
Output High Voltage
VOH
2.4V
-
IOH = -400uA
Output Low Voltage
VOL
-
0.4V
IOL = 1.6mA
Input High Voltage
VIH
2.2V
VCCQ+0.3V
Input Low Voltage
VIL
-0.4V
0.4V
Input Leakage Current
ILI
-
5uA
0V, VCC
Output Leakage Current
ILO
-
5uA
0V, VCC
Operating Current
ICC
-
15mA
f=5MHz, CE#=VIL, OE#=VIH
all output open
Standby Current (CMOS)
ISTB
-
15uA
CE#>VCC-0.2V
Input Capacitance
CIN
-
10pF
Ta = 25
° C, f = 1MHZ
Output Capacitance
COUT
-
10pF
Ta = 25
° C, f = 1MHZ
AC CHARACTERISTICS (Ta = -40
° C ~ 85° C, VCC = 2.7V~3.6V)
Item
Symbol
23L3214-70
23L3214-80
23L3214-90
23L3214-10
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
70ns
-
80ns
-
90ns
-
100ns -
Address Access Time
tAA
-
70ns
-
80ns
-
90ns
-
100ns
Chip Enable Access Time
tACE
-
70ns
-
80ns
-
90ns
-
100ns
Output Enable Time
tOE
-
20ns
-
20ns
-
20ns
-
30ns
Output Hold After Address
tOH
0ns
-
0ns
-
0ns
-
0ns
-
Output High Z Delay
tHZ
-
20ns
-
20ns
-
20ns
-
20ns
Note:Output high-impedance delay (tHZ) is measured
from OE# or CE# going high, and this parameter guar-
anteed by design over the full voltage and temperature
operating range - not tested.


Similar Part No. - 23L3214-80

ManufacturerPart #DatasheetDescription
logo
Macronix International
23L3210-10 MCNIX-23L3210-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-12 MCNIX-23L3210-12 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-15 MCNIX-23L3210-15 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-70 MCNIX-23L3210-70 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-90 MCNIX-23L3210-90 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - 23L3214-80

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3213 MCNIX-MX23L3213 Datasheet
181Kb / 6P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
   32M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR032 SONIX-SNR032 Datasheet
250Kb / 10P
   32M-bit Mask ROM
logo
Macronix International
MX23L3212 MCNIX-MX23L3212 Datasheet
156Kb / 6P
   32M-BIT MASK ROM
MX23L3216 MCNIX-MX23L3216 Datasheet
39Kb / 5P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3211E GENERALPLUS-GPR23L3211E Datasheet
302Kb / 10P
   32M-Bit Page Mode Mask Rom
logo
Samsung semiconductor
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
   32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
logo
Macronix International
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
   32M-BIT MASK ROM (16/32 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com