Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L3254 Datasheet(PDF) 5 Page - Macronix International

Part # MX23L3254
Description  32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L3254 Datasheet(HTML) 5 Page - Macronix International

  MX23L3254 Datasheet HTML 1Page - Macronix International MX23L3254 Datasheet HTML 2Page - Macronix International MX23L3254 Datasheet HTML 3Page - Macronix International MX23L3254 Datasheet HTML 4Page - Macronix International MX23L3254 Datasheet HTML 5Page - Macronix International MX23L3254 Datasheet HTML 6Page - Macronix International MX23L3254 Datasheet HTML 7Page - Macronix International MX23L3254 Datasheet HTML 8Page - Macronix International MX23L3254 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
P/N: PM1167
REV. 1.2, JUN. 08, 2005
MX23L3254
OPERATING FEATURES
Active Power, Stand-by Power
When Chip Select (S#) is Low, the device is enabled, and
in the Active Power mode. When Chip Select (S#) is High,
the device is disabled, but could remain in the Active
Power mode until all internal cycles have completed. The
device then goes in to the Stand-by Power mode. The
device consumption drops to ICC1 .
Protection Modes
The environments where non-volatile memory devices are
used can be very noisy. No SPI device can operate
correctly in the presence of excessive noise. To help
combat this, the MX23L3254 boasts the following data
protection mechanisms:
- Power-On Reset and an internal timer (tPUW) can provide
protection against inadvertant changes while the power
supply is outside the operating specification.
Hold Condition
The Hold (HOLD#) signal is used to pause any serial
communications with the device without resetting the
clocking sequence.
To enter the Hold condition, the device must be selected,
with Chip Select (S#) Low.
The Hold condition starts on the falling edge of the Hold
(HOLD) signal, provided that this coincides with Serial
Clock (C) being Low (as shown in Figure 3).
The Hold condition ends on the rising edge of the Hold
(HOLD#) signal, provided that this coincides with Serial
Clock (C) being Low.
If the falling edge does not coincide with Serial Clock (C)
being Low, the Hold condition starts after Serial Clock (C)
next goes Low. Similarly, if the rising edge does not
coincide with Serial Clock (C) being Low, the Hold condi-
tion ends after Serial Clock (C) next goes Low. (This is
shown in Figure 2).
During the Hold condition, the Serial Data Output (Q) is
high impedance, and Serial Data Input (D) and Serial Clock
(C) are Don't Care.
Normally, the device is kept selected, with Chip Select
(S#) driven Low, for the whole duration of the Hold condi-
tion. This is to ensure that the state of the internal logic
remains unchanged from the moment of entering the Hold
condition.
If Chip Select (S#) goes High while the device is in the Hold
condition, this has the effect of resetting the internal logic
of the device. To restart communication with the device,
it is necessary to drive Hold (HOLD#) High, and then to
drive Chip Select (S#) Low. This prevents the device from
going back to the Hold condition.
Figure 3. Hold Condition Activation (for data output only)
Q4
Q2
Q1
Q0
Q
C
HOLD#
HOLD#
C
Q0
Q1
Q3
Q4
Q5
Q2
Q2
Q3
Q2
Q5
Q6
Q


Similar Part No. - MX23L3254

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-10 MCNIX-MX23L3210MC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-12 MCNIX-MX23L3210MC-12 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-15 MCNIX-MX23L3210MC-15 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210RC-10 MCNIX-MX23L3210RC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - MX23L3254

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR26L320A GENERALPLUS-GPR26L320A Datasheet
274Kb / 16P
   32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
GPR26L128A GENERALPLUS-GPR26L128A Datasheet
307Kb / 16P
   128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Macronix International
MX23L6454 MCNIX-MX23L6454 Datasheet
208Kb / 18P
   64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L640A GENERALPLUS-GPR26L640A Datasheet
299Kb / 16P
   64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Macronix International
MX23L12854 MCNIX-MX23L12854 Datasheet
203Kb / 18P
   128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S064 NUVOTON-N55S064 Datasheet
196Kb / 17P
   64M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Macronix International
MX23L1654 MCNIX-MX23L1654 Datasheet
208Kb / 18P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L080A GENERALPLUS-GPR26L080A Datasheet
287Kb / 17P
   8M-BIT Low Voltage, Serial Mask ROM with 50MHz SPI Bus Interface
GPR26L160A GENERALPLUS-GPR26L160A Datasheet
256Kb / 16P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S016 NUVOTON-N55S016 Datasheet
492Kb / 17P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com