Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L3214XI-70 Datasheet(PDF) 2 Page - Macronix International

Part # MX23L3214XI-70
Description  32M-BIT MASK ROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L3214XI-70 Datasheet(HTML) 2 Page - Macronix International

  MX23L3214XI-70 Datasheet HTML 1Page - Macronix International MX23L3214XI-70 Datasheet HTML 2Page - Macronix International MX23L3214XI-70 Datasheet HTML 3Page - Macronix International MX23L3214XI-70 Datasheet HTML 4Page - Macronix International MX23L3214XI-70 Datasheet HTML 5Page - Macronix International MX23L3214XI-70 Datasheet HTML 6Page - Macronix International MX23L3214XI-70 Datasheet HTML 7Page - Macronix International MX23L3214XI-70 Datasheet HTML 8Page - Macronix International MX23L3214XI-70 Datasheet HTML 9Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
P/N:PM0754
REV. 2.2, MAY. 30, 2005
MX23L3214
48 Pin TSOP (Top View)
A15
A14
A13
A12
A11
A10
A9
A8
NC
A20
NC
NC
NC
NC
A19
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
VCCQ
GND
D15
D7
D14
D6
D13
D5
D12
D4
VCC
D11
D3
D10
D2
D9
D1
D8
D0
OE#
GND
CE#
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX23L3214
ORDER INFORMATION
Part No.
Speed
Package
Grade
Remark
MX23L3214TI-80
80ns
48 pin TSOP
Industrial
MX23L3214TI-90
90ns
48 pin TSOP
Industrial
MX23L3214XI-70
70ns
48 ball mini BGA
Industrial
MX23L3214XI-90
90ns
48 ball mini BGA
Industrial
MX23L3214XI-10
100ns
48 ball mini BGA
Industrial
MX23L3214XI-90G
90ns
48 ball mini BGA
Industrial
Pb-free
Note: Industrial grade temperature: -40 ~ 85
° C
Commercial grade temperature: 0 ~ 70
° C
48 Mini BGA (Top View, Ball Down)
A1
A13
B1
A14
C1
A15
D1
A16
E1
VCCQ
F1
GND
A2
A11
B2
A10
C2
A12
D2
D14
E2
D15
F2
D7
A3
A8
B3
NC
C3
A9
D3
D5
E3
D6
F3
D13
A4
NC
B4
NC
C4
NC
D4
D11
E4
D12
F4
D4
A5
NC
B5
A18
C5
A20
D5
D2
E5
D3
F5
VCC
A6
A19
B6
A17
C6
A6
D6
D8
E6
D9
F6
D10
A7
A7
B7
A5
C7
A3
D7
CE#
E7
D0
F7
D1
A8
A4
B8
A2
C8
A1
D8
A0
E8
GND
F8
OE#
7.0 mm
7.0 mm


Similar Part No. - MX23L3214XI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-10 MCNIX-MX23L3210MC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-12 MCNIX-MX23L3210MC-12 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-15 MCNIX-MX23L3210MC-15 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210RC-10 MCNIX-MX23L3210RC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - MX23L3214XI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3213 MCNIX-MX23L3213 Datasheet
181Kb / 6P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
   32M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR032 SONIX-SNR032 Datasheet
250Kb / 10P
   32M-bit Mask ROM
logo
Macronix International
MX23L3212 MCNIX-MX23L3212 Datasheet
156Kb / 6P
   32M-BIT MASK ROM
MX23L3216 MCNIX-MX23L3216 Datasheet
39Kb / 5P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3211E GENERALPLUS-GPR23L3211E Datasheet
302Kb / 10P
   32M-Bit Page Mode Mask Rom
logo
Samsung semiconductor
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
   32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
logo
Macronix International
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
   32M-BIT MASK ROM (16/32 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com