Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L1613TI-90 Datasheet(PDF) 1 Page - Macronix International

Part # MX23L1613TI-90
Description  16M-BIT MASK ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L1613TI-90 Datasheet(HTML) 1 Page - Macronix International

  MX23L1613TI-90 Datasheet HTML 1Page - Macronix International MX23L1613TI-90 Datasheet HTML 2Page - Macronix International MX23L1613TI-90 Datasheet HTML 3Page - Macronix International MX23L1613TI-90 Datasheet HTML 4Page - Macronix International MX23L1613TI-90 Datasheet HTML 5Page - Macronix International MX23L1613TI-90 Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
P/N:PM0620
REV. 1.8 , NOV. 28, 2005
FEATURES
• Bit organization
- 2M x 8 (byte mode)
- 1M x 16 (word mode)
• Fast access time
- Random access:70ns(max.)
• Current
- Operating:25mA
- Standby:5uA
• Supply voltage
- 2.7V ~ 3.6V
• Package
- 48 pin TSOP(12mm x 20mm)
• Temperature
- -40 ~ 85
° C
PIN DESCRIPTION
Symbol
Pin Function
A0~A19
Address Inputs
D0~D14
Data Outputs
D15/A-1
D15 (Word Mode)/ LSB Address
(Byte Mode)
CE#
Chip Enable Input
OE#
Output Enable Input
Byte#
Word/ Byte Mode Selection
VCC
Power Supply Pin
VSS
Ground Pin
NC
No Connection
PIN CONFIGURATION
48 TSOP (Top View)
MX23L1613
16M-BIT MASK ROM
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
NC
NC
NC
NC
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
BYTE#
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
D11
D3
D10
D2
D9
D1
D8
D0
OE#
VSS
CE#
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX23L1613
(Normal Type)
ORDER INFORMATION
Part No.
Speed
Package
Grade
MX23L1613TC-70
70ns
48 pin TSOP
Commercial
MX23L1613TC-90
90ns
48 pin TSOP
Commercial
MX23L1613TC-70G
70ns
48 pin TSOP (Pb-free, RoHS Compliant)
Commercial
MX23L1613TC-90G
90ns
48 pin TSOP (Pb-free, RoHS Compliant)
Commercial
MX23L1613TI-70
70ns
48 pin TSOP
Industrial
MX23L1613TI-90
90ns
48 pin TSOP
Industrial
MX23L1613TI-70G
70ns
48 pin TSOP (Pb-free, RoHS Compliant)
Industrial
MX23L1613TI-90G
90ns
48 pin TSOP (Pb-free, RoHS Compliant)
Industrial
Note: Industrial grade temperature: -40 ~ 85
° C
Commercial grade temperature: 0 ~ 70
° C


Similar Part No. - MX23L1613TI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-10 MCNIX-MX23L1610MC-10 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-10G MCNIX-MX23L1610MC-10G Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-12 MCNIX-MX23L1610MC-12 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-12G MCNIX-MX23L1610MC-12G Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
More results

Similar Description - MX23L1613TI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1612 MCNIX-MX23L1612 Datasheet
157Kb / 6P
   16M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR016 SONIX-SNR016 Datasheet
179Kb / 9P
   16M-bit Mask ROM
logo
Macronix International
MX23L1614 MCNIX-MX23L1614 Datasheet
307Kb / 8P
   16M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L1600D GENERALPLUS-GPR23L1600D Datasheet
331Kb / 10P
   16M-Bit Mask ROM
logo
Macronix International
MX23L1651 MCNIX-MX23L1651 Datasheet
218Kb / 13P
   16M-BIT [16M x 1] CMOS SERIAL MASK-ROM
MX23L1622 MCNIX-MX23L1622 Datasheet
43Kb / 6P
   16M-BIT MASK ROM (16/32 BIT OUTPUT)
logo
List of Unclassifed Man...
N55S016 ETC2-N55S016 Datasheet
492Kb / 17P
   16M-BIT Low Voltage, Serial MASK ROM
logo
AMIC Technology
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L6414 MCNIX-MX23L6414 Datasheet
41Kb / 6P
   64M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com