Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23C8111-12 Datasheet(PDF) 3 Page - Macronix International

Part # 23C8111-12
Description  8M-BIT MASK ROM (8/16 BIT OUTPUT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23C8111-12 Datasheet(HTML) 3 Page - Macronix International

  23C8111-12 Datasheet HTML 1Page - Macronix International 23C8111-12 Datasheet HTML 2Page - Macronix International 23C8111-12 Datasheet HTML 3Page - Macronix International 23C8111-12 Datasheet HTML 4Page - Macronix International 23C8111-12 Datasheet HTML 5Page - Macronix International 23C8111-12 Datasheet HTML 6Page - Macronix International 23C8111-12 Datasheet HTML 7Page - Macronix International 23C8111-12 Datasheet HTML 8Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
P/N:PM0171
REV. 2.6, JUL. 29, 2003
MX23C8111
AC CHARACTERISTICS (Ta = 0
° C ~ 70° C, VCC = 5V±10%)
Item
Symbol
23C8111-90
23C8111-10
23C8111-12
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
90ns
-
100ns
-
120ns
-
Address Access Time
tAA
-
90ns
-
100ns
-
120ns
Chip Enable Access Time
tACE
-
90ns
-
100ns
-
120ns
Page Mode Access Time
tPA
-
50ns
-
50ns
-
60ns
Output Enable Time
tOE
-
50ns
-
50ns
-
60ns
Output Hold After Address
tOH
0ns
-
0ns
-
0ns
-
Output High Z Delay
tHZ
-
20ns
-
20ns
-
20ns
Note:Output high-impedance delay (tHZ) is measured
from OE or CE going high, and this parameter guaran-
teed by design over the full voltage and temperature op-
erating range - not tested.
AC Test Conditions
Input Pulse Levels
0.4V~2.7V for 90ns and 100ns
speed grade
0.4V~2.4V for 120ns speed
grade
Input Rise and Fall Times 10ns
Input Timing Level
1.5V
Output Timing Level
0.8V and 2.0V
Output Load
See Figure
Note:No output loading is present in tester load board.
Active loading is used and under software programming control.
Output loading capacitance includes load board's and all stray capacitance.
DOUT
C<100pF
IOL (load)=2.1mA
IOH (load)=-1mA


Similar Part No. - 23C8111-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
23C8000-10 MCNIX-23C8000-10 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
23C8000-12 MCNIX-23C8000-12 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
23C8000-15 MCNIX-23C8000-15 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
23C8000-20 MCNIX-23C8000-20 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
More results

Similar Description - 23C8111-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23C8100 MCNIX-MX23C8100_97 Datasheet
42Kb / 6P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
logo
Macronix International
MX23L8103 MCNIX-MX23L8103 Datasheet
309Kb / 8P
   8M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L800D GENERALPLUS-GPR23L800D Datasheet
354Kb / 8P
   8M-BIT MASK ROM
logo
Macronix International
MX23L8102 MCNIX-MX23L8102 Datasheet
156Kb / 6P
   8M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
   8M-bit Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com