Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23J12840TC-50G Datasheet(PDF) 1 Page - Macronix International

Part # MX23J12840TC-50G
Description  128M-BIT NAND INTERFACE XtraROMTM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23J12840TC-50G Datasheet(HTML) 1 Page - Macronix International

  MX23J12840TC-50G Datasheet HTML 1Page - Macronix International MX23J12840TC-50G Datasheet HTML 2Page - Macronix International MX23J12840TC-50G Datasheet HTML 3Page - Macronix International MX23J12840TC-50G Datasheet HTML 4Page - Macronix International MX23J12840TC-50G Datasheet HTML 5Page - Macronix International MX23J12840TC-50G Datasheet HTML 6Page - Macronix International MX23J12840TC-50G Datasheet HTML 7Page - Macronix International MX23J12840TC-50G Datasheet HTML 8Page - Macronix International MX23J12840TC-50G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
P/N:PM1097
REV. 1.2, OCT. 28, 2005
FEATURES
• Word organization
- (16,777,216 + 1,048,576Note) by 8 bits
• Page size
- (512 + 16Note) by 8 bits
• Block size
- (16,384 + 512Note) by 8 bits
Note : Underlined parts are redundancy and fixed to
all FFH.
• Operation mode
- READ mode (1), READ mode (2), READ mode (3),
RESET
• Operating supply voltage : VCC = 2.7~3.6V
MX23J12840
128M-BIT NAND INTERFACE XtraROMTM
• Access Time
- Memory cell array to starting address : 7 us (MAX.)
- Read cycle time : 50 ns (MAX.)
- RE access time : 35 ns (MAX.)
• Operating supply current
- During read : 30 mA (MAX.) (50 ns cycle operation)
- During standby (CMOS) : 40 uA (MAX.)
• Package Type
- 48-pin TSOP(I) (12mmx20mm)
• XtraROMTM : factory pre-programmed ROM with
Macronix NBitTM technology, supporting short TAT
• Process
- 0.15um
PIN DESCRIPTION
SYMBOL
PIN NAME
I/O0~I/O7
Address Input/Command Inputs/
Data Outputs
CLE
Command Latch Enable
ALE
Address Latch Enable
WE
Write Enable
RE
Read Enable
CE
Chip Enable
RB
READY, /BUSY pin
VCC
Supply Voltage
NC
No Connection
GND
Ground
PIN CONFIGURATIONS
48 TSOP
NC
NC
NC
NC
NC
GND
RB
RE
CE
NC
NC
VCC
VSS
NC
NC
CLE
ALE
WE
NC
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
NC
NC
NC
NC
I/O7
I/O6
I/O5
I/O4
NC
NC
NC
VCC
GND
NC
NC
NC
I/O3
I/O2
I/O1
I/O0
NC
NC
NC
NC
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX23J12840
(Normal Type)
ORDER INFORMATION
Part No.
Package
Grade
MX23J12840TC-50G
48 pin TSOP (Pb-free, RoHS)
Commercial
MX23J12840TC-50
48 pin TSOP
Commercial
MX23J12840TI-50G
48 pin TSOP (Pb-free, RoHS)
Industrial


Similar Part No. - MX23J12840TC-50G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23J25640 MCNIX-MX23J25640 Datasheet
279Kb / 20P
   256M-BIT NAND INTERFACE XtraROMTM
MX23J25640TC-50 MCNIX-MX23J25640TC-50 Datasheet
279Kb / 20P
   256M-BIT NAND INTERFACE XtraROMTM
MX23J25640TC-50G MCNIX-MX23J25640TC-50G Datasheet
279Kb / 20P
   256M-BIT NAND INTERFACE XtraROMTM
MX23J25640TI-50G MCNIX-MX23J25640TI-50G Datasheet
279Kb / 20P
   256M-BIT NAND INTERFACE XtraROMTM
More results

Similar Description - MX23J12840TC-50G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23J25640 MCNIX-MX23J25640 Datasheet
279Kb / 20P
   256M-BIT NAND INTERFACE XtraROMTM
logo
Samsung semiconductor
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08U0M-YCB0 SAMSUNG-K9K1G08U0M-YCB0 Datasheet
467Kb / 37P
   128M x 8 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
logo
Generalplus Technology ...
GPR27P512A GENERALPLUS-GPR27P512A Datasheet
896Kb / 23P
   512M-BIT NAND INTERFACE OTP
GPR27P01GA GENERALPLUS-GPR27P01GA Datasheet
668Kb / 23P
   1G-BIT NAND INTERFACE OTP
logo
Samsung semiconductor
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com