Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USS810M-DT Datasheet(PDF) 6 Page - Agere Systems

Part # USS810M-DT
Description  USB 2.0 Full-Speed/Low-Speed Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

USS810M-DT Datasheet(HTML) 6 Page - Agere Systems

Back Button USS810M-DT Datasheet HTML 2Page - Agere Systems USS810M-DT Datasheet HTML 3Page - Agere Systems USS810M-DT Datasheet HTML 4Page - Agere Systems USS810M-DT Datasheet HTML 5Page - Agere Systems USS810M-DT Datasheet HTML 6Page - Agere Systems USS810M-DT Datasheet HTML 7Page - Agere Systems USS810M-DT Datasheet HTML 8Page - Agere Systems USS810M-DT Datasheet HTML 9Page - Agere Systems USS810M-DT Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Agere Systems Inc.
USS810 USB 2.0
Data Sheet, Rev. 6
Full-Speed/Low-Speed Transceiver
March 2006
7 Limiting Values
7.1 Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of
those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Table 5. Absolute Maximum Ratings
Table 6. Recommended Operating Conditions
8 Static Characteristics
Table 7. Static Characteristics: Supply Pins
VDD = 3.3 V; VDD(I/O) = 1.75 V to 3.3 V; VGND = 0 V; Tamb = –40
°C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(I/O)
I/O Supply Voltage
1.7
3.3
V
VDD(3.3)
3.3 V Supply Voltage
3.0
3.6
V
VI
dc Input Voltage
–0.5
VDD + 0.5
V
Tstg
Storage Temperature
–40
125
°C
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
VDD(I/O)
I/O Supply Voltage
1.75
3.3
V
VDD(3.3)
3.3 V Supply Voltage
3.3 V operation
3.135
3.3
3.465
V
VI
Input Voltage
0
3.3
V
VI(AI/O)
Input Voltage on Analog
I/O Pins (D+/D–)
—0
VDD(I/O)
V
Tamb
Operating Ambient
Temperature
—–40
85
°C
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
IDD
Operating Supply Current
Full-speed transmit and
receive
58
mA
IDD(I/O)
Operating I/O Supply
Current
Full-speed transmit and
receive at 12 Mbits/s
—100
µA
IDD(susp)
Suspend Supply Current
SUSPND = high
10
µA


Similar Part No. - USS810M-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS820D-DB AGERE-USS820D-DB Datasheet
868Kb / 58P
   USS-820D USB Device Controller
USS820FD AGERE-USS820FD Datasheet
890Kb / 56P
   USB Device Controller
USS820TD-DB AGERE-USS820TD-DB Datasheet
868Kb / 58P
   USS-820D USB Device Controller
More results

Similar Description - USS810M-DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
   USB 2.0 full-speed compliant
CM6571 CMEDIA-CM6571 Datasheet
1Mb / 63P
   USB 2.0 full speed-compliant
CM6533DH CMEDIA-CM6533DH Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6533 CMEDIA-CM6533 Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
MAX3349EA MAXIM-MAX3349EA Datasheet
382Kb / 17P
   USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 0; 10/06
logo
STMicroelectronics
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
   USB-OTG Full-speed Transceiver
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
   USB-OTG Full-speed Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com