Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USS810M-D Datasheet(PDF) 10 Page - Agere Systems

Part # USS810M-D
Description  USB 2.0 Full-Speed/Low-Speed Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

USS810M-D Datasheet(HTML) 10 Page - Agere Systems

Back Button USS810M-D Datasheet HTML 6Page - Agere Systems USS810M-D Datasheet HTML 7Page - Agere Systems USS810M-D Datasheet HTML 8Page - Agere Systems USS810M-D Datasheet HTML 9Page - Agere Systems USS810M-D Datasheet HTML 10Page - Agere Systems USS810M-D Datasheet HTML 11Page - Agere Systems USS810M-D Datasheet HTML 12Page - Agere Systems USS810M-D Datasheet HTML 13Page - Agere Systems USS810M-D Datasheet HTML 14Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Agere Systems Inc.
USS810 USB 2.0
Data Sheet, Rev. 6
Full-Speed/Low-Speed Transceiver
March 2006
9 Dynamic Characteristics (continued)
Figure 4. Timing of OE to D+, D–
Figure 5. Timing of D+, D– to RCV, VP, VM
Figure 6. Timing of VO, FSE0 to D+, D–
MGS966
VOL
VOH
tPZH
tPZL
tPHZ
tPLZ
VOH −0.3 V
VOL +0.3 V
VCRS
0.9 V
0.9 V
1.65 V
0 V
logic input
differential
data lines
DIFFERENTIAL
DATA LINES
LOGIC INPUT
1.75 V
MGS965
VOL
VOH
tPHL(rcv)
tPHL(se)
tPLH(rcv)
tPLH(se)
VCRS
VCRS
0.9 V
0.9 V
2.0 V
0.8 V
logic output
differential
data lines
LOGIC OUTPUT
DIFFERENTIAL
DATA LINES
MGS964
VOL
VOH
tPHL(drv)
tPLH(drv)
VCRS
VCRS
0.9 V
0.9 V
1.65 V
0 V
logic input
differential
data lines
DIFFERENTIAL
DATA LINES
LOGIC INPUT
1.75 V


Similar Part No. - USS810M-D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS820D-DB AGERE-USS820D-DB Datasheet
868Kb / 58P
   USS-820D USB Device Controller
USS820FD AGERE-USS820FD Datasheet
890Kb / 56P
   USB Device Controller
USS820TD-DB AGERE-USS820TD-DB Datasheet
868Kb / 58P
   USS-820D USB Device Controller
More results

Similar Description - USS810M-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
   USB 2.0 full-speed compliant
CM6571 CMEDIA-CM6571 Datasheet
1Mb / 63P
   USB 2.0 full speed-compliant
CM6533DH CMEDIA-CM6533DH Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6533 CMEDIA-CM6533 Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
MAX3349EA MAXIM-MAX3349EA Datasheet
382Kb / 17P
   USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 0; 10/06
logo
STMicroelectronics
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
   USB-OTG Full-speed Transceiver
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
   USB-OTG Full-speed Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com