Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-TTSI008321BL-2-DB Datasheet(PDF) 6 Page - Agere Systems

Part # L-TTSI008321BL-2-DB
Description  8K x 8K Time-Slot Interchanger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L-TTSI008321BL-2-DB Datasheet(HTML) 6 Page - Agere Systems

Back Button L-TTSI008321BL-2-DB Datasheet HTML 2Page - Agere Systems L-TTSI008321BL-2-DB Datasheet HTML 3Page - Agere Systems L-TTSI008321BL-2-DB Datasheet HTML 4Page - Agere Systems L-TTSI008321BL-2-DB Datasheet HTML 5Page - Agere Systems L-TTSI008321BL-2-DB Datasheet HTML 6Page - Agere Systems L-TTSI008321BL-2-DB Datasheet HTML 7Page - Agere Systems L-TTSI008321BL-2-DB Datasheet HTML 8Page - Agere Systems L-TTSI008321BL-2-DB Datasheet HTML 9Page - Agere Systems L-TTSI008321BL-2-DB Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Agere Systems Inc.
TSI-8
Hardware Design Guide, Revision 1
8K x 8K Time-Slot Interchanger
November 2, 2005
Table 3-2. Package Ball Assignments in Ball Number Order (Top View) (continued)
1
2
3
456
78
9
10
11
12
13
14
15
16
17
18
A
VSS ADDR15 ADDR14 ADDR13 ADDR12 ADDR11 ADDR10 ADDR09 ADDR08 ADDR07 ADDR06 ADDR05 ADDR04 ADDR03 ADDR02 ADDR01 ADDR00
VSS
B TXD00
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
RSV7
C TXD02 TXD01
VSS
VSS
VDD15
VDD15
VDD15
VSS
VDD33
VDD33
VSS
VDD15
VDD15
VDD15
VSS
VSS
VDD33
RSV8
D TXD04 TXD03
VSS
VSS
VDD15
VDD15
VDD15
VSS
VDD33
VDD33
VSS
VDD15
VDD15
VDD15
VSS
CKSPD1
RSV6
RSV9
E TXD06 TXD05
VDD33
VSS
RSV3
RSV4
RSV5
CKSPD0
F TXD08 TXD07
VDD33
VSS
VDD33
VSS
RSV1
RSV2
G TXD11 TXD10
TXD09
VDD15
TMS
TDI
TCK
TDO
H TXD13 TXD12
VDD33
VDD15
VSS
VSS
VSS
VSS
RESET
INT
DT
TRSTN
J TXD15 TXD14
VDD33
VSS
VSS
VSS
VSS
VSS
VSS
AS
R/W
CS
K TXD16 TXD17
VIO
VSS
VSS
VSS
VSS
VSS
MPUCLK
VDD33
DATA01
DATA00
L TXD18 TXD19
VSS
VDD15
VSS
VSS
VSS
VSS
VSS
DATA04
DATA03
DATA02
M TXD20 TXD21
VSS
VDD15
———
——
——
——
DATA08
DATA07
DATA06
DATA05
N TXD22 TXD23
TXD24
VSS
———
——
——
——
DATA12
DATA11
DATA10
DATA09
P TXD25 TXD26
VDD33
VSS
———
——
——
——
PAR1
DATA15
DATA14
DATA13
R TXD27 TXD28
VDD33
VSS
VSS
VSS
VDD15
VDD15
VSS
VSS
VDD15
VDD15 VSSPLL VDDPLL
VSS
CHICLK
HIZ
PAR0
T TXD29 TXD30
VSS
VPRE
VDD33
VDD33
RXD09
RXD12
VDD33
VDD33
FSYNC
VSS
VSS
VDD33
RXD29
VSS
VDD33
RSV10
U TXD31
VSS
RXD01
RXD03
RXD05
RXD07
RXD10
RXD13
RXD15
RXD18
RXD20
RXD22
RXD24
RXD26
RXD28
RXD31
VSS
VSS
V
VSS
RXD00
RXD02
RXD04
RXD06
RXD08
RXD11
RXD14
RXD16
RXD17
RXD19
RXD21
RXD23
RXD25
RXD27
RXD30
RSV11
VSS


Similar Part No. - L-TTSI008321BL-2-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L-TTSI001161BL-2-DB AGERE-L-TTSI001161BL-2-DB Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
L-TTSI002321BL-2-DB AGERE-L-TTSI002321BL-2-DB Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
L-TTSI004321BL-2-DB AGERE-L-TTSI004321BL-2-DB Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
More results

Similar Description - L-TTSI008321BL-2-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TSI-2 AGERE-TSI-2 Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
   8K x 8 SRAM
logo
Pyramid Semiconductor C...
PYX28C64 PYRAMID-PYX28C64 Datasheet
147Kb / 11P
   8K x 8 EEPROM
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Zentrum Mikroelektronik...
U6264AS1A07 ZMD-U6264AS1A07 Datasheet
167Kb / 8P
   Automotive 8K x 8 SRAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C265 CYPRESS-CY7C265 Datasheet
327Kb / 11P
   8K x 8 Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com