Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTSI008321BL-2-DB Datasheet(PDF) 2 Page - Agere Systems

Part # TTSI008321BL-2-DB
Description  8K x 8K Time-Slot Interchanger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TTSI008321BL-2-DB Datasheet(HTML) 2 Page - Agere Systems

  TTSI008321BL-2-DB Datasheet HTML 1Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 2Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 3Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 4Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 5Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 6Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 7Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 8Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Table of Contents
Contents
Page
Contents
Page
2
Agere Systems Inc.
TSI-8
Hardware Design Guide, Revision 1
8K x 8K Time-Slot Interchanger
November 2, 2005
1 Introduction .............................................................. 1
1.1 Related Documents .......................................... 1
2 Description ............................................................... 1
2.1 Block Diagram and High-Level Interface
Definition .......................................................... 1
3 Ball Information ........................................................ 3
3.1 Ball Diagram ..................................................... 3
3.2 Package Ball Assignments ............................... 4
3.3 Ball Types ......................................................... 8
3.4 Ball Definitions .................................................. 8
4 Absolute Maximum Ratings ................................... 11
4.1 Handling Precautions ..................................... 11
4.2 ESD Tolerance ............................................... 11
4.3 Package Thermal Characteristics ................... 11
4.4 Recommended Operating Conditions ............ 12
5 dc Electrical Characteristics .................................. 13
6 Timing Diagrams and ac Characteristics ............... 14
7 Outline Diagrams ................................................... 24
8 Ordering Information .............................................. 25
9 Change History ...................................................... 25
Figures
Page
Figure 2-1. Block Diagram and High-Level Interface
Definition ................................................... 1
Figure 3-1. Package Diagram (Top View) ................... 3
Figure 6-1. CHICLK Timing Specifications ................ 14
Figure 6-2. MPUCLK Timing Specifications .............. 14
Figure 6-3. ac Timing Specification ........................... 15
Figure 6-4. CHI Interface Timing ............................... 15
Figure 6-5. Typical Receive CHI Timing with 16.384
Mbits/s Data and 16.384 MHz CHICLK ... 16
Figure 6-6. Transmit CHI Timing with 16.384 Mbits/s
Data and 16.384 MHz CHICLK ............... 16
Figure 6-7. Typical Receive CHI Timing with 8.192
Mbits/s Data and 16.384 MHz CHICLK ... 17
Figure 6-8. Transmit CHI Timing with 8.192 Mbits/s
Data and 16.384 MHz CHICLK ............... 17
Figure 6-9. Typical Receive CHI Timing with 4.096
Mbits/s Data and 16.384 MHz CHICLK ... 18
Figure 6-10. Transmit CHI Timing with 4.096 Mbits/s
Data and 16.384 MHz CHICLK ............... 18
Figure 6-11. Typical Receive CHI Timing with 2.048
Mbits/s Data and 16.384 MHz CHICLK ... 19
Figure 6-12. Transmit CHI Timing with 2.048 Mbits/s
Data and 16.384 MHz CHICLK ............... 19
Figure 6-13. Typical Receive CHI Timing with 8.192
Mbits/s Data and 8.192 MHz CHICLK ..... 20
Figure 6-14. Transmit CHI Timing with 8.192 Mbits/s
Data and 8.192 MHz CHICLK ................. 20
Figure 6-15. CHI 3-State Output Control ................... 21
Figure 6-16. Microprocessor Port Timing—
Read Cycle............................................. 22
Figure 6-17. Microprocessor Port Timing—
Write Cycle............................................. 23
Tables
Page
Table 3-1. Package Ball Assignments in Signal Name
Order ........................................................... 4
Table 3-2. Package Ball Assignments in Ball Number
Order (Top View) ......................................... 6
Table 3-3. Package Ball Assignments in Ball Number
Order (Bottom View) (continued)................. 7
Table 3-4. Ball Types ................................................... 8
Table 3-5. Timing Port.................................................. 8
Table 3-6. Transmit and Receive Concentration
Highways..................................................... 8
Table 3-7. Control Port................................................. 9
Table 3-8. Initialization and Test Access...................... 9
Table 3-9. Power Balls............................................... 10
Table 4-1. Absolute Maximum Ratings ...................... 11
Table 4-2. ESD Tolerance .......................................... 11
Table 4-3. Power Consumption ................................. 11
Table 4-4. Operating Conditions ................................ 12
Table 5-1. CMOS Inputs ............................................ 13
Table 5-2. CMOS Outputs ......................................... 13
Table 5-3. CMOS Bidirectionals (Excluding
TXD[31:00]) ............................................... 13
Table 5-4. CMOS Bidirectionals (TXD[31:00]) ........... 13
Table 6-1. CHICLK Timing Specifications .................. 14
Table 6-2. MPUCLK Timing Specifications ................ 14
Table 6-3. CMOS Output ac Timing Specification * ... 15
Table 6-4. CHI Interface Timing ................................. 15
Table 6-5. CHI 3-State Output Control ....................... 21
Table 6-6. Microprocessor Port Timing—
Read Cycle ................................................ 22
Table 6-7. Microprocessor Port Timing—
Write Cycle23
Table 8-1. Ordering Information................................. 25


Similar Part No. - TTSI008321BL-2-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TTSI001161BL-2-DB AGERE-TTSI001161BL-2-DB Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TTSI002321BL-2-DB AGERE-TTSI002321BL-2-DB Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TTSI004321BL-2-DB AGERE-TTSI004321BL-2-DB Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
More results

Similar Description - TTSI008321BL-2-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TSI-2 AGERE-TSI-2 Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
   8K x 8 SRAM
logo
Pyramid Semiconductor C...
PYX28C64 PYRAMID-PYX28C64 Datasheet
147Kb / 11P
   8K x 8 EEPROM
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Zentrum Mikroelektronik...
U6264AS1A07 ZMD-U6264AS1A07 Datasheet
167Kb / 8P
   Automotive 8K x 8 SRAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C265 CYPRESS-CY7C265 Datasheet
327Kb / 11P
   8K x 8 Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com