Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFRA84J13 Datasheet(PDF) 3 Page - Agere Systems

Part # TFRA84J13
Description  Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TFRA84J13 Datasheet(HTML) 3 Page - Agere Systems

  TFRA84J13 Datasheet HTML 1Page - Agere Systems TFRA84J13 Datasheet HTML 2Page - Agere Systems TFRA84J13 Datasheet HTML 3Page - Agere Systems TFRA84J13 Datasheet HTML 4Page - Agere Systems TFRA84J13 Datasheet HTML 5Page - Agere Systems TFRA84J13 Datasheet HTML 6Page - Agere Systems TFRA84J13 Datasheet HTML 7Page - Agere Systems TFRA84J13 Datasheet HTML 8Page - Agere Systems TFRA84J13 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
3
Agere Systems Inc.
TFRA84J13 Ultraframer
Product Description, Revision 4
DS3/E3/DS2/E2/DS1/E1/DS0
April 29, 2005
2 Features
Versatile IC supports solutions for DS3/E3, DS2/E2,
DS1/J1/E1, and DS0/J0/E0 applications.
Terminates up to 84 DS1/J1 or 63 E1 framed or
unframed signals. All popular framing formats are sup-
ported.
Terminates up to three DS3/E3, 21 DS2, or 12 E2
signals.
3.3 V I/O, 1.5 V CORE, low power (<2.5 W) and –40
°C
to +85
°C temperature range allows for uncontrolled or
convection cooled environments.
Loopbacks, manual error insertion, internal pattern
generator/monitor, and internal cross connects simplify
debugging and diagnostics.
Standard 909-pin ball grid array (PBGA) with 35 mm
square with 1.0 mm square ball pitch.
Complies with all appropriate Telcordia ®, ITU, ANSI ®,
ETSI, and Japanese TTC standards as noted.
2.1 Test Pattern Generator/Monitor (TPG/TPM)
(x1)
Configurable test pattern generator: DS1, E1, and DS2
formats.
Provisionable test pattern data from the following
options: quasirandom signal source (QRSS), pseudoran-
dom bit stream length of 215 –1 (PRBS15), PRBS20,
PRBS23, alternating 1 and 0 (ALT_01), ALL_ONES, user
pattern (16 bits, repeating).
The DS1 and E1 test patterns can be transmitted either
unframed or as the payload of a framed signal as defined
in ITU-T.
Under register control, single bit or framing (DS1/E1
only) errors can be injected into any test pattern.
Any sink or receiving channel can be replaced by a test
pattern monitor, which can detect and count bit errors or
misconfigurations, and/or detect idle conditions or AIS.
Datalink (DS1-ESF DL) and SSM (E1 multiframe Sa)
fields read/writable.
Supports all Ultraframer modes of operation.
Complies with T1.107, T1.231, T1.403, G.703, G.704,
and O.150.
2.2 M13/E13 MUX (x3)
2.2.1 M13
Configurable multiplexer/demultiplexer for 28 DS1 sig-
nals, 21 E1 signals, or seven DS2 signals to/from a DS3
signal.
Operates in either M23 or C-bit parity mode.
Provisionable time-slot selection for DS1, E1, and DS2
insertion or drop.
Full alarm monitoring and generation (LOS, BPV, EXZ,
OOF, SEF, AIS, RAI, FEAC, P-bit and C-bit parity errors,
and FEBE).
DS3 forced loopback and DS2, DS1, and E1 forced loop-
back and loopback request generation.
Complies with T1.102, T1.107, T1.231, T1.403, T1.404,
GR 499, G.747, and G.775.
2.2.2 E13
Configurable multiplexer/demultiplexer for up to 16 E1
signals or four E2 signals, to/from an E3 signal.
Independently configurable four E12 multiplexer/demulti-
plexers for up to 16 E1 signals to/from four E2 signals.
Provisionable time-slot selection for E1 and E2 insertion
or drop via the multirate cross connect functional block.
E12 and E23 multiplexers capable of generating alarm
indication signal (AIS) and remote alarm indicator (RAI)
signals.
Configurable HDB3 encoder/decoder for E3 output/input.
E1 and E2 transmit path monitors that detect loss-of-
clock (LOC) and AIS.
E2 receive path monitor that detects LOC, AIS, and RAI.
E3 receive monitor that detects loss-of-signal (LOS),
LOC, bipolar violation (BPV), AIS, and RAI.
E3 and E2 loopback modes.
Complies with ITU G.703, G.742, G.751, and G.775.


Similar Part No. - TFRA84J13

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TFRA08C13 AGERE-TFRA08C13 Datasheet
2Mb / 188P
   TFRA08C13 OCTAL T1/E1 Framer
TFRA08C13-DB AGERE-TFRA08C13-DB Datasheet
2Mb / 188P
   TFRA08C13 OCTAL T1/E1 Framer
More results

Similar Description - TFRA84J13

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_07 Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
logo
Maxim Integrated Produc...
DS3112RD MAXIM-DS3112RD Datasheet
846Kb / 12P
   DS3/E3 Multiplexer Reference Design
REV: 082103
DS3170 MAXIM-DS3170_11 Datasheet
2Mb / 230P
   DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
DS3170 MAXIM-DS3170 Datasheet
1Mb / 233P
   DS3/E3 Single-Chip Transceiver
REV: 101404
logo
Asahi Kasei Microsystem...
AK2504A AKM-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/E3 Transceiver
logo
XFMRS Inc.
XF0196-32S XFMRS-XF0196-32S Datasheet
58Kb / 1P
   T3/E3/DS3 QUAD PORT
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A Datasheet
23Kb / 1P
   Bt8330EPJC - DS3/E3 Framer Revision
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com