Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-FW802B-DB Datasheet(PDF) 10 Page - Agere Systems

Part # L-FW802B-DB
Description  Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L-FW802B-DB Datasheet(HTML) 10 Page - Agere Systems

Back Button L-FW802B-DB Datasheet HTML 6Page - Agere Systems L-FW802B-DB Datasheet HTML 7Page - Agere Systems L-FW802B-DB Datasheet HTML 8Page - Agere Systems L-FW802B-DB Datasheet HTML 9Page - Agere Systems L-FW802B-DB Datasheet HTML 10Page - Agere Systems L-FW802B-DB Datasheet HTML 11Page - Agere Systems L-FW802B-DB Datasheet HTML 12Page - Agere Systems L-FW802B-DB Datasheet HTML 13Page - Agere Systems L-FW802B-DB Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
10
Agere Systems Inc.
Data Sheet, Rev. 3
May 2004
Two-Cable Transceiver/Arbiter Device
FW802B Low-Power PHY IEEE 1394A-2000
37
TPBIAS0
Analog I/O Portn, Twisted-Pair Bias. (Where n refers to the port number). TPBIAS
provides the 1.86 V nominal bias voltage needed for proper operation of
the twisted-pair cable drivers and receivers and for sending a valid cable
connection signal to the remote nodes. When the FW802B’s 1394 port
pins are not wired to a connector, the unused port pins may be left uncon-
nected. Internal connect-detect circuitry will keep the port in a discon-
nected state.
42
TPBIAS1
7, 17,
26, 27, 62
VDD
Digital Power. VDD supplies power to the digital portion of the device.
30, 31,
43, 50, 51
VDDA
Analog Circuit Power. VDDA supplies power to the analog portion of the
device.
2, 14,
25, 56, 64
VSS
Digital Ground. All VSS signals should be tied to the low-impedance
ground plane.
32, 49,
52, 53
VSSA
Analog Circuit Ground. All VSSA signals should be tied together to a low-
impedance ground plane.
59
XI
Crystal Oscillator. XI and XO connect to a 24.576 MHz parallel resonant
fundamental mode crystal. Although, when a 24.576 MHz clock source is
used, it can be connected to XI with XO left unconnected. The optimum
values for the external load capacitors and resistor are dependent on the
specifications of the crystal used. It is necessary to add an external series
resistor (RL) to the XO pin (see Figures 3 and 5). For more details, refer to
the Crystal Selection Considerations section in the data sheet. Note that it
is very important to place the crystal as close as possible to the XO and XI
pins, i.e., within 0.5 in./1.27 cm.
60
XO
Signal Information (continued)
Table 1. Signal Descriptions (continued)
Pin
Signal*
Type
Name/Description
* Active-low signals are indicated by “/” at the beginning of signal names, within this document.


Similar Part No. - L-FW802B-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L-FW322-06-DB AGERE-L-FW322-06-DB Datasheet
959Kb / 92P
   PCI PHY/Link Open Host Controller Interface
L-FW32206T100 AGERE-L-FW32206T100 Datasheet
939Kb / 86P
   1394a PCI PHY/Link Open Host Controller
L-FW323-06-DB AGERE-L-FW323-06-DB Datasheet
1Mb / 92P
   PCI PHY/Link Open Host Controller Interface
More results

Similar Description - L-FW802B-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW802A AGERE-FW802A Datasheet
397Kb / 24P
   Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW801BF AGERE-FW801BF Datasheet
550Kb / 26P
   Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
FW803 AGERE-FW803 Datasheet
395Kb / 24P
   PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
FW804 AGERE-FW804 Datasheet
398Kb / 24P
   PHY IEEE 1394A Four-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI-TSB41AB2 Datasheet
699Kb / 50P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com