Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1291ACEI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1291ACEI
Description  250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1291ACEI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1291ACEI Datasheet HTML 1Page - Maxim Integrated Products MAX1291ACEI Datasheet HTML 2Page - Maxim Integrated Products MAX1291ACEI Datasheet HTML 3Page - Maxim Integrated Products MAX1291ACEI Datasheet HTML 4Page - Maxim Integrated Products MAX1291ACEI Datasheet HTML 5Page - Maxim Integrated Products MAX1291ACEI Datasheet HTML 6Page - Maxim Integrated Products MAX1291ACEI Datasheet HTML 7Page - Maxim Integrated Products MAX1291ACEI Datasheet HTML 8Page - Maxim Integrated Products MAX1291ACEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
250ksps, +3V, 8-/4-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VDD = VLOGIC = +2.7V to +3.6V, COM = GND, REFADJ = VDD, VREF = +2.5V, 4.7µF capacitor at REF pin, fCLK = 4.8MHz (50% duty
cycle); TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Shutdown mode
Standby mode
Operating mode,
fSAMPLE = 250ksps
µA
210
0.9
1.2
mA
2.3
2.6
V
2.7
3.6
VDD
Analog Supply Voltage
150
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VLOGIC = +2.7V to +3.6V, COM = GND, REFADJ = VDD, VREF = +2.5V, 4.7µF capacitor at REF pin, fCLK = 4.8MHz (50% duty
cycle); TA = TMIN to TMAX unless otherwise noted. Typical values are at TA = +25°C.)
VLOGIC Current
ILOGIC
CL = 20pF
210
µA
Power-Supply Rejection
PSR
VDD = 3V ±10%, full-scale input
±0.4
±0.7
mV
fSAMPLE = 250ksps
Not converting
V
1.8
VDD +
0.3
VLOGIC
Digital Supply Voltage
WR to CLK Fall Setup Time
tCWS
40
ns
ns
CLK Pulse Width High
ns
CLK Period
tCH
40
tCP
208
CLK Pulse Width Low
tCL
40
ns
Data Valid to WR Rise Time
tDS
40
ns
WR Rise to Data Valid Hold Time
tDH
0
ns
CLK Fall to WR Hold Time
tCWH
40
ns
CS to CLK or WR
Setup Time
tCSWS
60
ns
CLK or WR to CS
Hold Time
tCSWH
0
ns
CS Pulse Width
tCS
100
ns
WR Pulse Width (Note 8)
tWR
60
ns
tTC
20
100
ns
CLOAD = 20pF, Figure 1
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
CS Rise to Output Disable
POWER REQUIREMENTS
Internal reference
Internal reference
External reference
External reference
1.9
2.3
0.5
0.8
IDD
Positive Supply Current


Similar Part No. - MAX1291ACEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1291ACEI MAXIM-MAX1291ACEI Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results

Similar Description - MAX1291ACEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com