Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHPW2V530EET003L Datasheet(PDF) 1 Page - Galaxy Power, Inc.

Part # GHPW2V530EET003L
Description  Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GHPW2V530EET003L Datasheet(HTML) 1 Page - Galaxy Power, Inc.

  GHPW2V530EET003L Datasheet HTML 1Page - Galaxy Power, Inc. GHPW2V530EET003L Datasheet HTML 2Page - Galaxy Power, Inc. GHPW2V530EET003L Datasheet HTML 3Page - Galaxy Power, Inc. GHPW2V530EET003L Datasheet HTML 4Page - Galaxy Power, Inc. GHPW2V530EET003L Datasheet HTML 5Page - Galaxy Power, Inc. GHPW2V530EET003L Datasheet HTML 6Page - Galaxy Power, Inc. GHPW2V530EET003L Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Pisces Series, Page 1
Part No. 99-002 Rev. 4.0–093003
WWW.GALAXYPWR.COM
The Pisces Series is the first high-efficiency
quarter brick CoolConverterin the Galaxy
family of high-efficiency DC/DC converters.
Industry Standard Pinout and Footprint
Typical Efficiency
92% at 3.3V, 15A; 90% at 3.3V, 30A
No Heat Sink Required
Very Low Common-mode Noise for a
Commercial DC/DC Converter
Two-stage Input Filter
Constant Switching Frequency
Remote Sense
Single Board Design
Optional Baseplate or Low Profile Heatsink for
Improved Thermal Performance
Header with M3 Metal Inserts for Mechanical
Connection to PCB
Two Year Warranty
PISCES Series
Control Functions
Uses Patented Power Supply Control
and Architecture
Microprocessor Controlled
Primary-side Enable, Choice of Logic
Protection Features
Over Temperature Protection
Over Voltage Protection
Over Current Protection
Over/Under Input Voltage Protection
Typical Characteristics
Output Setpoint Accuracy:
±1%
Load Regulation:
±0.2%
Line Regulation:
±0.2%
Regulation over Line, Load, and Temperature:
±2%
Low Output Ripple
Output Trim
The open-frame Pisces is available with an optional
baseplate or low profile heatsink for maximum
thermal performance.
Very High Efficiency DC/DC Converter
24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output
or 5.0V DC, 20A Output


Similar Part No. - GHPW2V530EET003L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP12003R3S IRF-GHP12003R3S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005D IRF-GHP12005D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005S IRF-GHP12005S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12006S IRF-GHP12006S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12012D IRF-GHP12012D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - GHPW2V530EET003L

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Power-One
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Power-One
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
logo
Galaxy Power, Inc.
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
logo
Power-One
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
   Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
HHS40ZE POWER-ONE-HHS40ZE Datasheet
67Kb / 2P
   HHS40 Series . 40A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V Output
logo
C&D Technologies
S020-1220120-FB CANDD-S020-1220120-FB Datasheet
198Kb / 9P
   DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
logo
Galaxy Power, Inc.
GLDW34V03 GALAXY-GLDW34V03 Datasheet
346Kb / 6P
   High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
logo
Mitsubishi Electric Sem...
M62294FP MITSUBISHI-M62294FP Datasheet
49Kb / 4P
   3.3V, 2.0V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com