Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR4A60S Datasheet(PDF) 2 Page - SemiWell Semiconductor

Part # STR4A60S
Description  Sensitive Gate Triacs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

STR4A60S Datasheet(HTML) 2 Page - SemiWell Semiconductor

  STR4A60S Datasheet HTML 1Page - SemiWell Semiconductor STR4A60S Datasheet HTML 2Page - SemiWell Semiconductor STR4A60S Datasheet HTML 3Page - SemiWell Semiconductor STR4A60S Datasheet HTML 4Page - SemiWell Semiconductor STR4A60S Datasheet HTML 5Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VD = VDRM, Single Phase, Half Wave
TJ = 125 °C
──
1.0
mA
VTM
Peak On-State Voltage
IT = 6 A, Inst. Measurement
1.6
V
I+GT1
Gate Trigger Current
VD = 6 V, RL=10 Ω
──
5
mA
I -GT1
──
5
I -GT3
──
5
I+GT3
812
V+GT1
Gate Trigger Voltage
VD = 6 V, RL=10 Ω
──
1.4
V
V-GT1
──
1.4
V-GT3
──
1.4
V+GT3
1.6
2.0
VGD
Non-Trigger Gate Voltage
TJ = 125 °C, VD = 1/2 VDRM
0.2
──
V
(dv/dt)c
Critical Rate of Rise Off-State
Voltage at Commutation
TJ = 125 °C, [di/dt]c = -0.5 A/ms,
VD=2/3 VDRM
5
──
V/㎲
IH
Holding Current
──
10
mA
Rth(j-c)
Thermal Impedance
Junction to case
──
3.5
°C/W
STR4A60S
2/5


Similar Part No. - STR4A60S

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
STR4A60S TGS-STR4A60S Datasheet
140Kb / 1P
   Sensitive Gate Triacs
More results

Similar Description - STR4A60S

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com