Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHPC3V330PET003L Datasheet(PDF) 2 Page - Galaxy Power, Inc.

Part # GHPC3V330PET003L
Description  Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GHPC3V330PET003L Datasheet(HTML) 2 Page - Galaxy Power, Inc.

  GHPC3V330PET003L Datasheet HTML 1Page - Galaxy Power, Inc. GHPC3V330PET003L Datasheet HTML 2Page - Galaxy Power, Inc. GHPC3V330PET003L Datasheet HTML 3Page - Galaxy Power, Inc. GHPC3V330PET003L Datasheet HTML 4Page - Galaxy Power, Inc. GHPC3V330PET003L Datasheet HTML 5Page - Galaxy Power, Inc. GHPC3V330PET003L Datasheet HTML 6Page - Galaxy Power, Inc. GHPC3V330PET003L Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pisces Series, Page 2
WWW.GALAXYPWR.COM
Part No. 99-002 Rev. 4.0–093003
General Specifications
Operating Temperature
-40
°C to +100°C
Storage Temperature
-55
°C to +125°C
Relative Humidity
10% to 95% RH,
Non-condensing
Vibration
2 to 9Hz, 3mm disp.,
9 to 200Hz 1g
Material Flammability
UL V-0
Weight
35 grams
MTBF
Telcordia (Bellcore)
1,600,000 hours
General Specifications
VIN = 48VDC, TA@25°C, 300 LFM Airflow, VOUT=3.3V, IOUT = Full Load unless otherwise noted.
Available output power depends on ambient temperature and good thermal management. (See application graphs for limits.)
Input Characteristics
Parameter
Min
Typ
Max
Units
Operating Input Voltage
36
48
75
VDC
Input Current (Model Dependent)
5
A
Input Capacitance
4.5
µF
Input Hysteresis, Low Line
2
VDC
Output Characteristics
Regulation Over Line, Load & Temperature
98
102
%VNOM
Voltage Ripple
20
mV RMS
Voltage Ripple, 20MHz BW
150
mV P–P
Current Range
0
30
A
Current Limit Inception
31
37
A
Short Circuit Current, Peak (see Note below)
41
A
Output Transient Response, 50% to 75% load change, 1A/
µsec
5
%VOUT
Settling Time to
±1%
300
µS
Turn-on Time to 98%Vnom
35
mS
Output Overshoot at Turn-on
1
%VOUT
Trim Range
90
110
%VOUT
Overvoltage Protection, Latching
130
%VOUT
Isolation
Isolation Test Voltage, Input/Output (Basic)
2000
VDC
Isolation Resistance
10
M
Features
Overtemperature Protection, Thermal Sensor, Latching*
117
°C
Switching Frequency, Fixed
200
kHz
Notes: During short circuit, converter will shut down and attempt to restart once per second. The average current during this
condition will be very low and the device can be safely left in this condition continuously. For specific output voltage
specifications, see the corresponding detailed data sheet.
*PCB less than 130
°C
Approvals and Standards
UL and c-UL Recognized Component, TUV,
UL60950, CSA 22.2 No. 950, IEC/EN 60950**
EMC Characteristics:
Designed to meet emission and immunity
requirements per EN55022, CISPR 22, Class B,
and CISPR 24.
** An external fuse shall be used to comply with the
requirements.


Similar Part No. - GHPC3V330PET003L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP12003R3S IRF-GHP12003R3S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005D IRF-GHP12005D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005S IRF-GHP12005S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12006S IRF-GHP12006S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12012D IRF-GHP12012D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - GHPC3V330PET003L

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Power-One
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Power-One
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
logo
Galaxy Power, Inc.
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
logo
Power-One
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
   Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
HHS40ZE POWER-ONE-HHS40ZE Datasheet
67Kb / 2P
   HHS40 Series . 40A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V Output
logo
C&D Technologies
S020-1220120-FB CANDD-S020-1220120-FB Datasheet
198Kb / 9P
   DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
logo
Galaxy Power, Inc.
GLDW34V03 GALAXY-GLDW34V03 Datasheet
346Kb / 6P
   High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
logo
Mitsubishi Electric Sem...
M62294FP MITSUBISHI-M62294FP Datasheet
49Kb / 4P
   3.3V, 2.0V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com