Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHPW3V330MMT002L Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # GHPW3V330MMT002L
Description  Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GHPW3V330MMT002L Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  GHPW3V330MMT002L Datasheet HTML 1Page - Galaxy Power, Inc. GHPW3V330MMT002L Datasheet HTML 2Page - Galaxy Power, Inc. GHPW3V330MMT002L Datasheet HTML 3Page - Galaxy Power, Inc. GHPW3V330MMT002L Datasheet HTML 4Page - Galaxy Power, Inc. GHPW3V330MMT002L Datasheet HTML 5Page - Galaxy Power, Inc. GHPW3V330MMT002L Datasheet HTML 6Page - Galaxy Power, Inc. GHPW3V330MMT002L Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pisces Series, Page 5
Part No. 99-002 Rev. 4.0–093003
WWW.GALAXYPWR.COM
GHPW3V3–30 Operation
Efficiency
94
92
90
88
86
84
82
80
010
20
30
25
Output Current (A)
36V Vin
48V Vin
75V Vin
15
5
Power Dissipation
14
12
10
8
6
4
2
0
010
20
25
30
Load Current (A)
36V Vin
48V Vin
75V Vin
515
Transient Response
VOUT
20
IOUT
10
Voltage Ripple
VOUT
Output Voltage vs Line Load
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
28
32
36
42
40
38
Output Current (A)
36V Vin
48V Vin
75V Vin
34
30
2
1
Ch1 5.00V
Ch2
1.00 V
M 4.00ms A
Ch1
2.40V
T
T
[
]
Start-up Waveform w/No Load
VOUT
ON/OFF
Thermal Derating Curves
Ambient Air Temperature (deg C)
20
30
40
50
60
70
80
35
30
25
20
15
10
5
0
300 LFM, Low Profile Heat Sink
300 LFM, Metal Plate
200 LFM, Low Profile Heat Sink
300 LFM, Open Frame
200 LFM, Metal Plate
200 LFM, Open Frame


Similar Part No. - GHPW3V330MMT002L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP12003R3S IRF-GHP12003R3S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005D IRF-GHP12005D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005S IRF-GHP12005S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12006S IRF-GHP12006S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12012D IRF-GHP12012D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - GHPW3V330MMT002L

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Power-One
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Power-One
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
logo
Galaxy Power, Inc.
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
logo
Power-One
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
   Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
HHS40ZE POWER-ONE-HHS40ZE Datasheet
67Kb / 2P
   HHS40 Series . 40A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V Output
logo
C&D Technologies
S020-1220120-FB CANDD-S020-1220120-FB Datasheet
198Kb / 9P
   DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
logo
Galaxy Power, Inc.
GLDW34V03 GALAXY-GLDW34V03 Datasheet
346Kb / 6P
   High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
logo
Mitsubishi Electric Sem...
M62294FP MITSUBISHI-M62294FP Datasheet
49Kb / 4P
   3.3V, 2.0V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com