Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPDW2V520RPSRT002 Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # GPDW2V520RPSRT002
Description  DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPDW2V520RPSRT002 Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  GPDW2V520RPSRT002 Datasheet HTML 1Page - Galaxy Power, Inc. GPDW2V520RPSRT002 Datasheet HTML 2Page - Galaxy Power, Inc. GPDW2V520RPSRT002 Datasheet HTML 3Page - Galaxy Power, Inc. GPDW2V520RPSRT002 Datasheet HTML 4Page - Galaxy Power, Inc. GPDW2V520RPSRT002 Datasheet HTML 5Page - Galaxy Power, Inc. GPDW2V520RPSRT002 Datasheet HTML 6Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dorado, Page 5
Part No. 01-002 Rev. 1.0–110802
PRODUCT PREVIEW
.50
(opt. L = .465)
.50
.030
.20
0
SIDE VIEW
BOTTOM VIEW
A
A
B
A
A
MOUNTING INSERT
CONNECTED TO CASE PIN
MOUNTING INSERT
M3 X 0.5 4 PLACES
.070
2.000
PIN TO PIN
.210
.210
1.45
2.28
1.030
.815
PIN 1
.515
PIN 2
.215
PIN 3
0
PIN 4
.215
1.030
PIN 8
.815
PIN 7
.665
PIN 6
.515
PIN 5
.365
0
Pin
Function
Pin Dia. (in.)
1– Input
0.040
2
On/Off
0.040
3+ Input
0.040
4+ Output
0.060
5+ Sense
0.040
6Trim
0.040
7– Sense
0.040
8– Output
0.060
Notes:
1. Mechanical tolerances
x.xxx in. =
±0.005 in.
x.xx in. =
±0.01 in.
2. Pin material: brass with tin/lead plating over nickel
3. Workmanship: Meets or exceeds IPC-A-610B Class II
PACKAGE DETAIL


Similar Part No. - GPDW2V520RPSRT002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GPD MACOM-GPD Datasheet
265Kb / 4P
   GP/ML/TR series 10 Amp Control Relay
logo
Good Will Instrument Co...
GPD-2303S GWINSTEK-GPD-2303S Datasheet
2Mb / 2P
   MULTIPLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
GPD-3303D GWINSTEK-GPD-3303D Datasheet
2Mb / 2P
   MULTIPLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
GPD-4303S GWINSTEK-GPD-4303S Datasheet
2Mb / 2P
   MULTIPLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
List of Unclassifed Man...
GPD2846A ETC2-GPD2846A Datasheet
484Kb / 4P
   The GPD2846A is an integrated MP3 player IC with FM radio and Line In features with 2W mono amplifie, maximum output 3W
More results

Similar Description - GPDW2V520RPSRT002

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
GMDW8V08R GALAXY-GMDW8V08R Datasheet
765Kb / 7P
   DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
logo
Galaxy Power, Inc.
GPLW5V060 GALAXY-GPLW5V060 Datasheet
851Kb / 8P
   LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
logo
Power-One
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Bel Fuse Inc.
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
logo
C&D Technologies
S020-1220120-FB CANDD-S020-1220120-FB Datasheet
198Kb / 9P
   DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
logo
Bel Fuse Inc.
V7PD-15C BEL-V7PD-15C Datasheet
347Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com