Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHPW3V330EMT002L Datasheet(PDF) 6 Page - Galaxy Power, Inc.

Part # GHPW3V330EMT002L
Description  Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GHPW3V330EMT002L Datasheet(HTML) 6 Page - Galaxy Power, Inc.

  GHPW3V330EMT002L Datasheet HTML 1Page - Galaxy Power, Inc. GHPW3V330EMT002L Datasheet HTML 2Page - Galaxy Power, Inc. GHPW3V330EMT002L Datasheet HTML 3Page - Galaxy Power, Inc. GHPW3V330EMT002L Datasheet HTML 4Page - Galaxy Power, Inc. GHPW3V330EMT002L Datasheet HTML 5Page - Galaxy Power, Inc. GHPW3V330EMT002L Datasheet HTML 6Page - Galaxy Power, Inc. GHPW3V330EMT002L Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Pisces Series, Page 6
WWW.GALAXYPWR.COM
Part No. 99-002 Rev. 4.0–093003
BOTTOM VIEW
A
A
A
MOUNTING INSERT
CONNECTED TO CASE PIN
MOUNTING INSERT
M3 X 0.5 4 PLACES
0.070
2.000
PIN TO PIN
.210
.210
1.45
2.28
1.030
0.815
PIN 1
0.515
PIN 2
0.215
PIN 3
0
PIN 4
1.030
PIN 8
0.815
PIN 7
PIN 6
0.515
PIN 5
0.365
0
0.50
(opt. L = 0.465)
0.50
0.010 ±0.008
0.20
0
SIDE VIEW
PACKAGE DETAIL
Notes:
1. Mechanical tolerances
x.xxx in. =
±0.005 in.
x.xx in. =
±0.01 in.
2. Pin material: brass with tin/lead plating over nickel
3. Workmanship: Meets or exceeds IPC-A-610B Class II
4. "A" = 0.040" dia pins
5. "B" = 0.060" dia pins
Pin Configuration — Bottom View
Pin
Function
Pin Dia. (in.)
1– Input
0.040
2
On/Off
0.040
3+ Input
0.040
4+ Output
0.060
5+ Sense
0.040
6Trim
0.040
7– Sense
0.040
8– Output
0.060


Similar Part No. - GHPW3V330EMT002L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP12003R3S IRF-GHP12003R3S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005D IRF-GHP12005D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005S IRF-GHP12005S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12006S IRF-GHP12006S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12012D IRF-GHP12012D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - GHPW3V330EMT002L

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Power-One
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Power-One
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
logo
Galaxy Power, Inc.
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
logo
Power-One
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
   Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
HHS40ZE POWER-ONE-HHS40ZE Datasheet
67Kb / 2P
   HHS40 Series . 40A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V Output
logo
C&D Technologies
S020-1220120-FB CANDD-S020-1220120-FB Datasheet
198Kb / 9P
   DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
logo
Galaxy Power, Inc.
GLDW34V03 GALAXY-GLDW34V03 Datasheet
346Kb / 6P
   High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
logo
Mitsubishi Electric Sem...
M62294FP MITSUBISHI-M62294FP Datasheet
49Kb / 4P
   3.3V, 2.0V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com