Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66004FP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M66004FP
Description  16-DIGIT 5x7-SEGMENT VFD CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66004FP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M66004FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66004FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66004FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66004FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66004FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66004FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M66004FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M66004FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M66004FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
MITSUBISHI
〈DIGITAL ASSP〉
M66004SP/FP
16-DIGIT 5X7-SEGMENT VFD CONTROLLER
3. Character display
A character (refer to the character code table) which corre-
sponds to the character code transmitted from the MCU is
displayed as the designated digit.
The display digit is designated by the display digit setting
command. In case that the display digit designated by this
command is set to increase automatically, the display digit is
automatically increased by 1. After a character is displayed to
the most significant digit, it is displayed to the least significant
digit.
When the auto increment setting is canceled, the display digit
is fixed.
Ex. In order to display a character A to digits 14, 15, 16, 1 and 2 in this order
and characters A, B and C to digit 8 successively, 12-byte data must be
transmitted in the following order.
(Display digit length = 16)
A (code 4116)
B (code 4216)
C (code 4316)
OPERATION AT RESET
When a reset signal is input, the internal state is initialized as
shown in Table 4.
Table 4 Initial state
Contents
Display (characters and cursor)
Display digit length, dimmer value,
display digit, one-digit display frequency,
user character RAM state, auto incre-
ment setting
Serial receive circuit
Output port setting
Setting after reset
All digits: OFF
Values immediately
before reset are
held.
Reset
Set
1
2
3
4
5
6
7
8
9
10
11
12
Remarks
Setting of auto increment
Display digit is set to the
14th digit.
Transmission of
character code
Cancel of auto increment
setting
Display digit is set to the 8th
digit.
Transmission of
character code
Display digit
14
15
16
1
2
8
8
8
Transmission data
F516
ED16
4116
4116
4116
4116
4116
F416
E716
4116
4216
4316
4. All-digit display ON/OFF
All digits are simultaneously lighted or put off by inputting all-
digit display ON command or all-digit display OFF command.
When all-digit display ON command is transmitted, all digits
including a cursor and all segments are lighted.
Therefore, this command can be used for the lamp test.
When all-digit display ON setting is canceled (normal opera-
tion mode is selected), all digits are displayed according to
the setting before all-digit display ON operation. It is also
possible to set the next character to the designated digit dur-
ing the all-digit display ON operation.
When all-digit display OFF command is transmitted, all digits
including a cursor are put off. When all-digit display OFF set-
ting is canceled (normal operation mode is selected), all dig-
its are displayed according to the setting before all-digit
display OFF operation. It is also possible to set the next char-
acter to the designated digit in the all-digit display OFF state.


Similar Part No. - M66004FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66004SP RENESAS-M66004SP Datasheet
2Mb / 15P
   16-DIGIT 5*7-SEGMENT VFD CONTROLLER
More results

Similar Description - M66004FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66004SP RENESAS-M66004SP Datasheet
2Mb / 15P
   16-DIGIT 5*7-SEGMENT VFD CONTROLLER
logo
New Japan Radio
NJU3426 NJRC-NJU3426 Datasheet
114Kb / 12P
   16-SEGMENT X 15-Digit VFD CONTROLLER / DRIVER
logo
Holtek Semiconductor In...
HT16523 HOLTEK-HT16523 Datasheet
2Mb / 23P
   5x7 Dot Character VFD Controller & Driver
logo
OKI electronic componet...
MSC7110-01 OKI-MSC7110-01 Datasheet
203Kb / 18P
   12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver
MSC1937-01 OKI-MSC1937-01 Datasheet
132Kb / 16P
   14/16-Segment x 16-Digit Display Controller/Driver
logo
LDT Co., Ltd
LD1970 LDT-LD1970 Datasheet
709Kb / 26P
   16 SEGMENT X 12 GRID VFD DRIVER
logo
List of Unclassifed Man...
CU40025SCPB-W6J ETC2-CU40025SCPB-W6J Datasheet
80Kb / 1P
   5X7 Dot Character VFD Module
logo
OKI electronic componet...
MSC1951-01 OKI-MSC1951-01 Datasheet
138Kb / 17P
   7-Segment x 16-Digit or 16-Segment x 6-Bargraph display Controller/Driver
logo
List of Unclassifed Man...
CU16025-UW6J ETC2-CU16025-UW6J Datasheet
82Kb / 1P
   5X7 Dot Character VFD Module
CU16025ECPB-W6J ETC2-CU16025ECPB-W6J Datasheet
64Kb / 1P
   5X7 Dot Character VFD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com