Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73009 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY73009
Description  400 -3000 MHz Direct Quadrature Demodulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73009 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY73009 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73009 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73009 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73009 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73009 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73009 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY73009 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY73009 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY73009 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DATA SHEET • SKY73009 DEMODULATOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
February 13, 2006 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 103034F
–1
–2
–3
0
+1
+2
+3
1800
1850
1900
1950
2000
Frequency (MHz)
LO = –6 dBm
LO = 0 dBm
LO = +3 dBm
Figure 35. Voltage Conversion Gain vs Frequency:
1800-2000 MHz (Murata LDB15C500A1900 Balun on RF Port)
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
1800
1850
1900
1950
2000
Frequency (MHz)
LO = -6 dBm
LO = 0 dBm
LO = +3 dBm
Figure 37. 1 dB Compression Point vs Frequency:
1800-2000 MHz (Murata LDB15C500A1900 Balun on RF Port)
20
22
24
26
28
30
32
34
36
1800
1850
1900
1950
2000
Frequency (MHz)
LO = -6 dBm
LO = 0 dBm
LO = +3 dBm
Figure 39. IIP3 vs Frequency: 1800-2000 MHz
(Murata LDB15C500A1900 Balun on RF Port)
–1
–2
–3
0
+1
+2
+3
1800
1850
1900
1950
2000
Frequency (MHz)
VDD = 2.7 V
VDD = 3.0 V
VDD = 3.3 V
Figure 36. Voltage Conversion Gain vs Frequency:
1800-2000 MHz (Murata LDB15C500A1900 Balun on RF Port)
10
11
12
13
14
15
16
17
18
19
20
1800
1850
1900
1950
2000
Frequency (MHz)
Vdd = 2.7V
Vdd = 3.0V
Vdd = 3.3V
Figure 38. 1 dB Compression Point vs Frequency:
1800-2000 MHz (Murata LDB15C500A1900 Balun on RF Port)
20
22
24
26
28
30
32
34
36
1800
1850
1900
1950
2000
Frequency (MHz)
Vdd = 2.7V
Vdd = 3.0V
Vdd = 3.3V
Figure 40. IIP3 vs Frequency: 1800-2000 MHz
(Murata LDB15C500A1900 Balun on RF Port)


Similar Part No. - SKY73009

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73001 SKYWORKS-SKY73001 Datasheet
194Kb / 9P
   2 - 3500 MHz Direct Conversion Mixer
SKY73001 SKYWORKS-SKY73001 Datasheet
430Kb / 12P
   2 - 3500 MHz Direct Conversion Mixer
SKY73001-11 SKYWORKS-SKY73001-11 Datasheet
194Kb / 9P
   2 - 3500 MHz Direct Conversion Mixer
SKY73001 SKYWORKS-SKY73001_06 Datasheet
430Kb / 12P
   2 - 3500 MHz Direct Conversion Mixer
More results

Similar Description - SKY73009

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73012 SKYWORKS-SKY73012 Datasheet
893Kb / 25P
   400 - 3900 MHz Direct Quadrature Demodulator
SKY73012-11 SKYWORKS-SKY73012-11 Datasheet
900Kb / 25P
   SKY73012 400 ??3900 MHz Direct Quadrature Demodulator
logo
SIRENZA MICRODEVICES
SRQ-2116Z SIRENZA-SRQ-2116Z Datasheet
196Kb / 16P
   700-3800 MHz Direct Quadrature Demodulator
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
logo
TEMIC Semiconductors
U2791B TEMIC-U2791B Datasheet
257Kb / 11P
   1000 MHz Quadrature Demodulator
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
   1000-MHz Quadrature Demodulator
U2794B ATMEL-U2794B Datasheet
290Kb / 15P
   1000 MHZ QUADRATURE DEMODULATOR
logo
TEMIC Semiconductors
U2794B TEMIC-U2794B Datasheet
258Kb / 11P
   1000 MHz Quadrature Demodulator
logo
Analog Devices
AD8348 AD-AD8348 Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
logo
Linear Technology
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com