Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFB60N03L Datasheet(PDF) 1 Page - SemiWell Semiconductor

Part # SFB60N03L
Description  Logic N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SFB60N03L Datasheet(HTML) 1 Page - SemiWell Semiconductor

  SFB60N03L Datasheet HTML 1Page - SemiWell Semiconductor SFB60N03L Datasheet HTML 2Page - SemiWell Semiconductor SFB60N03L Datasheet HTML 3Page - SemiWell Semiconductor SFB60N03L Datasheet HTML 4Page - SemiWell Semiconductor SFB60N03L Datasheet HTML 5Page - SemiWell Semiconductor SFB60N03L Datasheet HTML 6Page - SemiWell Semiconductor SFB60N03L Datasheet HTML 7Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain to Source Voltage
30
V
ID
Continuous Drain Current(@TC = 25°C)
60
A
Continuous Drain Current(@TC = 100°C)
43
A
IDM
Drain Current Pulsed
(Note 1)
240
A
VGS
Gate to Source Voltage
±20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
270
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
7.0
V/ns
PD
Total Power Dissipation(@TA = 25 °C) *
3.75
W
Total Power Dissipation(@TC = 25 °C)
Derating Factor above 25 °C
100
W
0.67
W/°C
TSTG, TJ
Operating Junction Temperature & Storage Temperature
- 55 ~ 175
°C
TL
Maximum Lead Temperature for soldering purpose,
1/8 from Case for 5 seconds.
300
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RθJC
Thermal Resistance, Junction-to-Case
-
-
1.50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
-
-
40
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
°C/W
SFB60N03L
September, 2002. Rev. 0.
1/7
Features
Low RDS(on) (0.0135Ω )@VGS=10V
Low Gate Charge (Typical 21.5nC)
Low Crss (Typical 130pF)
Improved dv/dt Capability
100% Avalanche Tested
Maximum Junction Temperature Range (175°C)
General Description
This Power MOSFET is produced using SemiWell’s advanced
planar stripe, DMOS technology. This latest technology has been
especially designed to minimize on-state resistance, have a low
gate charge with superior switching performance, and rugged
avalanche characteristics. This Power MOSFET is well suited
for synchronous DC-DC Converters and Power Management in
portable and battery operated products.
SemiWell Semiconductor
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
Logic N-Channel MOSFET
Symbol
2. Drain
3. Source
1. Gate
D2-PACK (TO-263)
1
2
3
* When mounted on the minimum pad size recommended (PCB Mount)


Similar Part No. - SFB60N03L

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SFB0075-230-12 TALEMA-SFB0075-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0075-230-24 TALEMA-SFB0075-230-24 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0075-230-55 TALEMA-SFB0075-230-55 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0075-400-12 TALEMA-SFB0075-400-12 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0075-400-24 TALEMA-SFB0075-400-24 Datasheet
147Kb / 1P
   Control Panel Transformers
More results

Similar Description - SFB60N03L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFD3055 ETC1-SFD3055 Datasheet
971Kb / 7P
   Logic N-Channel MOSFET
logo
SemiWell Semiconductor
SFD3055L SEMIWELL-SFD3055L Datasheet
972Kb / 7P
   Logic N-Channel MOSFET
SFS4416 SEMIWELL-SFS4416 Datasheet
1Mb / 6P
   Logic N-Channel MOSFET
SFB95N03L SEMIWELL-SFB95N03L Datasheet
1Mb / 7P
   Logic N-Channel MOSFET
SFP95N03L SEMIWELL-SFP95N03L Datasheet
1Mb / 7P
   Logic N-Channel MOSFET
SFS4410 SEMIWELL-SFS4410 Datasheet
1,015Kb / 6P
   Logic N-Channel MOSFET
SFP60N03L SEMIWELL-SFP60N03L Datasheet
997Kb / 7P
   Logic N-Channel MOSFET
SFS9410 SEMIWELL-SFS9410 Datasheet
978Kb / 6P
   Logic N-Channel MOSFET
SFD45N03L SEMIWELL-SFD45N03L Datasheet
1Mb / 7P
   Logic N-Channel MOSFET
SFD60N03L SEMIWELL-SFD60N03L Datasheet
1Mb / 7P
   Logic N-Channel MOSFET
2N7000 SEMIWELL-2N7000 Datasheet
717Kb / 6P
   Logic N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com