Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWD20012EUB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HWD20012EUB
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HWD20012EUB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HWD20012EUB Datasheet HTML 1Page - List of Unclassifed Manufacturers HWD20012EUB Datasheet HTML 2Page - List of Unclassifed Manufacturers HWD20012EUB Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD20012EUB Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD20012EUB Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD20012EUB Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD20012EUB Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD20012EUB Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD20012EUB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
3
ELECTRICAL CHARACTERISTICS
(VBATT = 2V, FB = OUT, RL =
∞, TA = -40°C to +85°C, unless otherwise noted.) (Note 4)
VOUT = 2V, ILOAD = 1mA
VOUT = 3.3V, ILOAD = 200mA
SHDN = GND
CONDITIONS
%
85
Efficiency
90
µA
0.1
1
Shutdown Current into OUT
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
HWD20012, VBATT = 2V
V LBO = 5.5V, VLBI = 5.5V
VLBI = 0, ISINK = 1mA
V SHDN = 0 or VOUT
VFB = 1V, VOUT = 3.3V
HWD20012, CLSEL = OUT
VLBI = 1.4V
VFB = 1.4V
VFB = 1V, VOUT = 3.3V
0.8VOUT
VIH
0.2VOUT
VIL
CLSEL Input Voltage
V
0.8VOUT
VIH
0.2VOUT
VIL
SHDN Input Voltage
88
150
Damping Switch Resistance
µA
0.07
1
I LBO
LBO Off Leakage Current
V
0.2
0.4
LBO Low Output Voltage
nA
0.07
50
ISHDN
SHDN Input Current
µA
1.4
3
ICLSEL
CLSEL Input Current
nA
150
ILBI
LBI Input Current
nA
0.03
50
IFB
FB Input Current
µs
0.8
1
1.2
tOFF
LX Switch Off-Time
µs
34
7
tON
LX Switch On-Time
V
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 2V, FB = OUT (VOUT = 3.3V), RL = ˙
∞, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
FB = GND
FB = OUT
VFB = 1V, VOUT = 3.3V
VFB = 1V, VOUT = 3.3V
SHDN = GND
VFB = 1.4V, VOUT = 3.3V
IREF = 0
HWD2001, HWD20012 (CLSEL = GND)
HWD20012, HWD20012 (CLSEL = OUT)
CONDITIONS
0.36
0.69
A
0.75
1.25
ILIM
LX Switch Current
Limit (NFET)
V
2.20
5.5
Output Voltage Range
V
4.75
5.25
3.13
3.47
VOUT
Output Voltage
µs
0.75
1.25
tOFF
LX Switch Off-Time
µs
2.7
7.0
tON
LX Switch On-Time
µA
1
Shutdown Current into OUT
µA
40
Operating Current into OUT
(Note 3)
V
1.2675
1.3325
VREF
Reference Voltage
V
1.2675
1.3325
FB, LBI Thresholds
0.6
RDS(ON)
Internal NFET, PFET
On-Resistance
UNITS
MIN
MAX
SYMBOL
PARAMETER
VFB = 1.4V, VOUT = 3.3V
µA
16
35
Operating Current into OUT
(Note 3)


Similar Part No. - HWD20012EUB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWD20 ETC2-HWD20 Datasheet
892Kb / 1P
   1/2 WATT METAL
More results

Similar Description - HWD20012EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
logo
Maxim Integrated Produc...
MAX1795 MAXIM-MAX1795 Datasheet
397Kb / 13P
   Low Supply Current, Step-Up DC-DC Converters with True-Shutdown
19-1798; Rev 0; 12/00
logo
ams AG
AS1326 AMSCO-AS1326_04 Datasheet
1Mb / 19P
   High Current, 0.8A DC-DC Step-Up Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com