Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBP13007-H1 Datasheet(PDF) 2 Page - SemiWell Semiconductor

Part # SBP13007-H1
Description  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SBP13007-H1 Datasheet(HTML) 2 Page - SemiWell Semiconductor

  SBP13007-H1 Datasheet HTML 1Page - SemiWell Semiconductor SBP13007-H1 Datasheet HTML 2Page - SemiWell Semiconductor SBP13007-H1 Datasheet HTML 3Page - SemiWell Semiconductor SBP13007-H1 Datasheet HTML 4Page - SemiWell Semiconductor SBP13007-H1 Datasheet HTML 5Page - SemiWell Semiconductor SBP13007-H1 Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics ( T
C = 25 °C unless otherwise noted )
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICEV
Collector Cut-off Current
( VBE = - 1.5V )
VCE = 700V
VCE = 700V
TC = 100 °C
-
-
1.0
5.0
mA
VCEO(sus)
Collector-Emitter Sustaining Voltage
( IB = 0 )
IC = 10 mA
400
--
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 2.0A
IB = 0.4A
IC = 5.0A
IB = 1.0A
IC = 8.0A
IB = 2.0A
IC = 5.0A
IB = 1.0A
TC = 100 °C
-
-
0.5
1.0
2.5
2.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 2.0A
IB = 0.4A
IC = 5.0A
IB = 1.0A
IC = 5.0A
IB = 1.0A
TC = 100 °C
--
1.2
1.6
1.5
V
hFE
DC Current Gain
IC = 2.0A
VCE = 5V
IC = 5.0A
VCE = 5V
10
5-
40
40
ts
tf
Resistive Load
Storage Time
Fall Time
IC = 5.0A
VCC = 125V
IB1 = 1.0A
IB2 = - 1.0A
TP = 25
-
1.3
0.17
2.5
0.4
ts
tf
Inductive Load
Storage Time
Fall Time
VCC = 15V
IC = 5.0A
IB1 = 1.0A
IB2 = -2.5A
LC = 0.35mH
Vclamp = 300V
-
0.6
0.06
1.8
0.12
ts
tf
Inductive Load
Storage Time
Fall Time
VCC = 15V
IC = 5.0A
IB1= 1.0A
IB2 = -2.5A
LC = 0.35mH
Vclamp = 300V
TC = 100 °C
-
0.8
0.07
2.5
0.15
SBP13007-H1
2/6
※ Notes :
Pulse Test : Pulse width ≤ 300㎲, Duty cycle ≤ 2%


Similar Part No. - SBP13007-H1

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SBP13007-H2 SEMIWELL-SBP13007-H2 Datasheet
739Kb / 6P
   High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - SBP13007-H1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com