Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPBW52V04SSRG003 Datasheet(PDF) 4 Page - Galaxy Power, Inc.

Part # GPBW52V04SSRG003
Description  BOLERO HV Series 48V Input, 52VDC, 4A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPBW52V04SSRG003 Datasheet(HTML) 4 Page - Galaxy Power, Inc.

  GPBW52V04SSRG003 Datasheet HTML 1Page - Galaxy Power, Inc. GPBW52V04SSRG003 Datasheet HTML 2Page - Galaxy Power, Inc. GPBW52V04SSRG003 Datasheet HTML 3Page - Galaxy Power, Inc. GPBW52V04SSRG003 Datasheet HTML 4Page - Galaxy Power, Inc. GPBW52V04SSRG003 Datasheet HTML 5Page - Galaxy Power, Inc. GPBW52V04SSRG003 Datasheet HTML 6Page - Galaxy Power, Inc. GPBW52V04SSRG003 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Bolero HV Series, Page 4
Part No. 02–004 Rev. 1.9.5–102502
PRODUCT PREVIEw
APPLICATION NOTES
Output Over Voltage Protection:
The output voltage is constantly monitored by the
microprocessor. If the output voltage exceeds the
over-voltage specification, the microprocessor will
latch the converter off. To turn the converter on
requires either cycling the ON/OFF pin or power to
the converter. This feature prevents the converter
from damaging the load if there is a converter
failure or application error. If non-latching is
required, consult factory.
Thermal Shutdown:
The printed circuit board temperature is measured
using a semiconductor sensor. If the maximum
rated temperature is exceeded, the converter is
latched off. To re-enable the converter requires
cycling the ON/OFF pin or power to the converter.
If non-latching shutdown is required, consult
factory.
Control Options:
As the behavior of the circuit is determined by
firmware in the microcontroller, specific customer
requirements such as:
• non-latching thermal protection
• custom valid input voltage range
• controlled delay from initiating an ON/OFF
signal for power sequencing can be
accomplished with no change to hardware.
The standard behavior was chosen based on
system design experience but we understand that
customers often have their own requirements.
Please consult Galaxy Power for your special
needs.
Remote Sense:
The output voltage is regulated at the point where
the sense pins connect to the power output pins.
Total sense compensation should not exceed 0.4V
or 2% of Vout, whichever is greater.
Safety:
An external input fuse must always be used to
meet safety requirements.
Trim:
To trim the output voltage higher, connect the
required trim resistor from the Trim pin to the
+Sense pin. To trim the output voltage lower,
connect the required trim resistor from the Trim pin
to the –Sense pin. See diagram below.
External Output Trimming
+ Sense
Trim
– Sense
Trim-down (%)
Trim-up (%)
Trim-down
Trim-up (for 3.3V)
RTRIM-UP =
Vo (100+
∆%)
(100+
2∆%)
k
1.225∆%
∆%
{
}
RTRIM-DOWN =
100
– 2 k
∆%
{
}


Similar Part No. - GPBW52V04SSRG003

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW52V04SRG001 BEL-GPBW52V04SRG001 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04SRG002 BEL-GPBW52V04SRG002 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04SRG003 BEL-GPBW52V04SRG003 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04SRG004 BEL-GPBW52V04SRG004 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
More results

Similar Description - GPBW52V04SSRG003

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHBW53V08 GALAXY-GHBW53V08 Datasheet
796Kb / 7P
   BOLERO HP 48V Input, 53VDC, 8A Output
logo
Bel Fuse Inc.
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08 BEL-GPBW24V08 Datasheet
638Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
logo
Galaxy Power, Inc.
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com