Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAMW2V040SST Datasheet(PDF) 1 Page - Galaxy Power, Inc.

Part # GAMW2V040SST
Description  48V Input, 2.0VDC, 40A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAMW2V040SST Datasheet(HTML) 1 Page - Galaxy Power, Inc.

  GAMW2V040SST Datasheet HTML 1Page - Galaxy Power, Inc. GAMW2V040SST Datasheet HTML 2Page - Galaxy Power, Inc. GAMW2V040SST Datasheet HTML 3Page - Galaxy Power, Inc. GAMW2V040SST Datasheet HTML 4Page - Galaxy Power, Inc. GAMW2V040SST Datasheet HTML 5Page - Galaxy Power, Inc. GAMW2V040SST Datasheet HTML 6Page - Galaxy Power, Inc. GAMW2V040SST Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Part No. 02-GAM-04 Rev. 1.0 – 042805
WWW.GALAXYPWR.COM
GAMW2V040 – 1
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
Mars
48V Input, 2.0VDC, 40A Output
The Mars Series of quarter-
brick DC/DC converters offers
high current performance with
high efficiency at low cost.
GAMW2V040 Features:
48V Input
2.0VDC, 40A Output
High Efficiency:
87% at 2.0V, 40A
89% at 2.0V, 20A
ISO 9001 CERTIFIED ORGANISATION
®
Certified to ISO 9001:2000
Eighth-brick
Quarter-brick
Quarter-brick
Quarter-brick
Quarter-brick
Half-brick
Half-brick
SIP
SIP
3-Quarter-brick
3-Quarter-brick
The Mars CoolConverter™ is the most
cost-effective 100W quarter-brick on
the market.
Industry Standard Pinout and Footprint
No Heat Sink Required
Very Low Common-mode Noise for a
Commercial DC/DC Converter
Two-stage Input Filter
Constant Switching Frequency
Remote Sense
Single Board Design
Very Low Parts Count
Optional Baseplate or Low Profile Heatsink
for Improved Thermal Performance
Header with M3 Metal Inserts for Mechanical
Connection to PCB
Two Year Warranty
Control Functions
Uses Patented Power Supply Control
and Architecture
Microprocessor Controlled
Primary-side Enable, Choice of Logic
Protection Features
Over Temperature Protection
Over Voltage Protection
Over Current Protection
Over/Under Input Voltage Protection
Typical Characteristics
Output Setpoint Accuracy: ± 1%
Load Regulation: ± 0.2%
Line Regulation: ± 0.2%
Regulation over Line, Load, and
Temperature: ± 2%
Low Output Ripple
Output Trim


Similar Part No. - GAMW2V040SST

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAMW2V540EET GALAXY-GAMW2V540EET Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAMW2V540EMT GALAXY-GAMW2V540EMT Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAMW2V540EST GALAXY-GAMW2V540EST Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAMW2V540MET GALAXY-GAMW2V540MET Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
More results

Similar Description - GAMW2V040SST

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
logo
List of Unclassifed Man...
FGLS12SR6040A ETC2-FGLS12SR6040A Datasheet
1,006Kb / 21P
   4.5-14.4Vdc Input, 40A, 0.6-2.0Vdc Output
FGLD12SR6040A ETC2-FGLD12SR6040A Datasheet
1Mb / 38P
   4.5-14.4Vdc Input, 40A, 0.45-2.0Vdc Output
logo
Galaxy Power, Inc.
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW1V540 GALAXY-GAQW1V540 Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V840 GALAXY-GAMW1V840 Datasheet
985Kb / 7P
   48V Input, 1.8VDC, 40A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com