Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPH1V5-40 Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part # GPH1V5-40
Description  HERCULES Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPH1V5-40 Datasheet(HTML) 3 Page - Galaxy Power, Inc.

  GPH1V5-40 Datasheet HTML 1Page - Galaxy Power, Inc. GPH1V5-40 Datasheet HTML 2Page - Galaxy Power, Inc. GPH1V5-40 Datasheet HTML 3Page - Galaxy Power, Inc. GPH1V5-40 Datasheet HTML 4Page - Galaxy Power, Inc. GPH1V5-40 Datasheet HTML 5Page - Galaxy Power, Inc. GPH1V5-40 Datasheet HTML 6Page - Galaxy Power, Inc. GPH1V5-40 Datasheet HTML 7Page - Galaxy Power, Inc. GPH1V5-40 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Hercules Series, Page 3
Part No. 98–002 Rev. 1.1
WWW.GALAXYPWR.COM
Output Characteristics
Over the complete baseplate temperatures and input voltage ranges.
Parameter
Test Condition
Requirement
Unit
Name
Var
Symbol
Min
Typ
Max
Output Voltage (nominal)
1.5V
VOnom
1.5
Vnom
2.2V
VOnom
2.2
Vnom
3.3V
VOnom
3.3
Vnom
5.0V
VOnom
5.0
Vnom
Rated Output Current
1.5V
IO
VO = VOnom
0–
60/40
A
2.2V
IO
VO = VOnom
0–
60/40
A
3.3V
IO
VO = VOnom
0–
50/40
A
5.0V
IO
VO = VOnom
0–
40/30
A
Initial Output Voltage
Vadj = open, TC = +25°C
-1.25
1.25 %VOnom
Tolerance (with remote sense)
VI = VInom, IO = IOrated/2
Noise and Ripple
20MHzP-P bandwidth,
75
mVP-P
VI=36-72V, IO = 0 amps to 100%
Static Load and
VI=36-72V, IO = 0.2 amps to 100%
±0.25 %VOnom
Line Regulation
Long Term Temperature Drift
-0.5
_
0.5
%V
Voltage Programming
1.5V
VIN = 48V
Vadj = 0.5V
0.30
mV/mV
Slope
VO = VOnom
to 1.5V
± 0.014
2.2V
IO = IOrated/2
0.44
mV/mV
± 0.02
3.3V
0.66
mV/mV
± 0.03
5.0V
1.0
mV/mV
± 0.04
Vadj Initial Tolerance
Vadj = 1.0V
±1.25 %VOnom
Resistance Programming
Radj = 500Ω
-11.7
-8.3
%VOnom
Tolerance
Radj = 1500Ω
+8.3
+11.7 %VOnom
Total Remote Sense
1.5V
VI = VImin, IO = IOmax rated
100
mV
Compensation (round trip)
2.2V
3.3V
500
mV
5V
Output Overvoltage Protection
110
127
%VO
(Latching)
prog.
Output Voltage Protection
TOVP
VO = VOnom, IO = IOrated
–30
µs
Response Time
Note: Overvoltage Protection must function over full programming range. Also, reference for OVP Threshold must be a redundant or equivalent reference.
Specifications


Similar Part No. - GPH1V5-40

ManufacturerPart #DatasheetDescription
logo
3M Electronics
GPH-060 3M-GPH-060 Datasheet
735Kb / 9P
   VHB Tape - Specialty Tapes
GPH-060GF 3M-GPH-060GF Datasheet
312Kb / 8P
   3M??VHB??Tape GPH-060GF
GPH-110 3M-GPH-110 Datasheet
735Kb / 9P
   VHB Tape - Specialty Tapes
GPH-110GF 3M-GPH-110GF Datasheet
312Kb / 8P
   3M??VHB??Tape GPH-110GF
GPH-110GF 3M-GPH-110GF Datasheet
312Kb / 8P
   3M??VHB??Tape GPH-060GF
More results

Similar Description - GPH1V5-40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
18-2000 ETC1-18-2000 Datasheet
13Kb / 2P
   Hercules Encoder Accessories
logo
Taoglas antenna solutio...
A41A301111 TAOGLAS-A41A301111 Datasheet
2Mb / 15P
   Hercules Gen - Straight Screw Mont
logo
Texas Instruments
TMDX570LS31HDK TI-TMDX570LS31HDK Datasheet
535Kb / 24P
[Old version datasheet]   TMS570LS31x Hercules Development Kit (HDK)
logo
Taoglas antenna solutio...
MA120AQP001 TAOGLAS-MA120AQP001 Datasheet
3Mb / 14P
   Hercules GENII Screw mount 2in1
IS05B301111 TAOGLAS-IS05B301111 Datasheet
1Mb / 18P
   915 MHz Hercules ISM Band Antenna
MA104.C.W.AB.002 TAOGLAS-MA104.C.W.AB.002_18 Datasheet
1Mb / 26P
   MA104 2in1 Combination Hercules GPS/GALILEO
G21B301111 TAOGLAS-G21B301111 Datasheet
1Mb / 25P
   Hercules Gen.II Penta Band Cellular Antenna
MA104CAB015 TAOGLAS-MA104CAB015 Datasheet
1Mb / 26P
   MA104 GPS/GALILEO/Cellular Combination Hercules
logo
List of Unclassifed Man...
A01C301111 ETC2-A01C301111 Datasheet
339Kb / 8P
   GPS Hercules Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
IS04B301111 TAOGLAS-IS04B301111 Datasheet
1Mb / 18P
   IS.04 868MHz Hercules ISM Band Antenna
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com