Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLDW34V03PMR-001-123 Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part # GLDW34V03PMR-001-123
Description  High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GLDW34V03PMR-001-123 Datasheet(HTML) 3 Page - Galaxy Power, Inc.

  GLDW34V03PMR-001-123 Datasheet HTML 1Page - Galaxy Power, Inc. GLDW34V03PMR-001-123 Datasheet HTML 2Page - Galaxy Power, Inc. GLDW34V03PMR-001-123 Datasheet HTML 3Page - Galaxy Power, Inc. GLDW34V03PMR-001-123 Datasheet HTML 4Page - Galaxy Power, Inc. GLDW34V03PMR-001-123 Datasheet HTML 5Page - Galaxy Power, Inc. GLDW34V03PMR-001-123 Datasheet HTML 6Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dorado HV, Page 3
Part No. 01-001 Rev. 4.0–051404
WWW.GALAXYPWR.COM
Undervoltage Lockout
30
32
36
34
40
38
Input Voltage (V)
Voltage
Rising
Voltage
Falling
Overvoltage Lockout
75
76
78
77
80
79
Input Voltage (V)
Voltage
Rising
Voltage
Falling
CoolConverter
Galaxy’s proprietary CoolConverterprovides:
•Patented single-stage power conversion architecture,
control, and magnetic design allow unprecedented power
density and efficiency in an isolated power supply.
• An advanced microcontroller reduces parts count while
adding features, performance, and flexibility in the design.
•Low common-mode noise as a result of lower capacitance
in the transformer compared to planar magnetics and
metal baseplate designs.
• Higher reliability than planar transformer designs that can
suffer from via fatigue from thermal cycling, and metal
baseplate designs with board to board interconnects that
are subject to mechanical stress on electrical connections.
Protection and Control
Valid Input Voltage Range:
The converter measures the input voltage and will not
allow operation outside of the input voltage
specification. As shown by the graphs, hysteresis is
added to both the high and low voltage to prevent the
converter from turning on and off repeatedly when the
voltage is held near either voltage extreme. At low line
this assures the maximum input current is not exceeded;
at high line this assures the semiconductor devices in
the converter are not damaged by excessive voltage
stress.
ON/OFF Logic Option:
The ON/OFF control logic can be either Negative
(standard) or Positive to enable the converter. For
Negative logic, the ON/OFF pin is brought below 1.0 V
with respect to the –INPUT pin to enable the converter.
The pull-down must be able to sink 100
µA. For
Positive logic, the ON/OFF pin is brought to greater
than 4.0 V with respect to the –INPUT and be limited to
less than 10V. To request the Positive logic version,
add the suffix (P) to the standard part number. The ON/
OFF pin has a built-in pull up resistor of approximately
100 k
Ω to +5V.
Application Notes


Similar Part No. - GLDW34V03PMR-001-123

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GLDW34V03PMR001123 BEL-GLDW34V03PMR001123 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
GLDW34V03PMR002123 BEL-GLDW34V03PMR002123 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
GLDW34V03PMR003123 BEL-GLDW34V03PMR003123 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
GLDW34V03PMR004123 BEL-GLDW34V03PMR004123 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
More results

Similar Description - GLDW34V03PMR-001-123

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PACSR48010 DELTA-PACSR48010 Datasheet
752Kb / 7P
   48V Output AC/DC Converter
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL1530 XLSEMI-XL1530 Datasheet
187Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
Maxim Integrated Produc...
MAX17524 MAXIM-MAX17524 Datasheet
798Kb / 24P
   4.5V to 60V, 3A, Dual-Output, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 12/17
logo
Power-One
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
   3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
logo
Monolithic Power System...
EV1593DN-00A MPS-EV1593DN-00A Datasheet
257Kb / 5P
   4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com