Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAQW5V020SMT Datasheet(PDF) 4 Page - Galaxy Power, Inc.

Part # GAQW5V020SMT
Description  48V Input, 5.0VDC, 20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAQW5V020SMT Datasheet(HTML) 4 Page - Galaxy Power, Inc.

  GAQW5V020SMT Datasheet HTML 1Page - Galaxy Power, Inc. GAQW5V020SMT Datasheet HTML 2Page - Galaxy Power, Inc. GAQW5V020SMT Datasheet HTML 3Page - Galaxy Power, Inc. GAQW5V020SMT Datasheet HTML 4Page - Galaxy Power, Inc. GAQW5V020SMT Datasheet HTML 5Page - Galaxy Power, Inc. GAQW5V020SMT Datasheet HTML 6Page - Galaxy Power, Inc. GAQW5V020SMT Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GAQW5V020 – 4
WWW.GALAXYPWR.COM
Part No. 02-GAQ-01 Rev. 3.0 – 041405
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
RTRIM-UP=
5.0 (100+∆%)
(100+2∆%)
5.11kΩ
1.225∆%
∆%
Output Over Voltage Protection:
The output voltage is constantly monitored by the
microprocessor with a redundant secondary-side
measurement circuit that both shuts down the duty
cycle and triggers the microprocessor to shut down.
If the output voltage exceeds the over-voltage specifi-
cation, the microprocessor will latch the converter off.
To turn the converter on requires either cycling the
ON/OFF pin or power to the converter. This ad-
vanced feature prevents the converter from damaging
the load if there is a converter failure or application
error. If non-latching is required, consult factory.
Thermal Shutdown:
The printed circuit board temperature is measured
using a semiconductor sensor. If the maximum rated
temperature is exceeded, the converter is latched off.
To re-enable the converter requires cycling the ON/
OFF pin or power to the converter. If non-latching is
required, consult factory.
Control Options:
As the behavior of the circuit is determined by
firmware in the microcontroller, specific customer
requirements such as
• non-latching thermal protection
• custom valid input voltage range
• controlled delay from initiating an ON/OFF signal
for power sequencing
can be accomplished with no change to hardware.
The standard behavior was chosen based on system
design experience but we understand that customers
often have their own requirements.
Please consult Galaxy Power for your special needs.
Remote Sense:
The output voltage is regulated at the point where
the sense pins connect to the power output pins.
Total sense compensation should not exceed 0.4V or
10% of Vout, whichever is greater.
Safety:
An external input fuse must always be used to meet
these safety requirements.
External Output Trimming
Application Notes
+Sense
Trim
–Sense
Trim
Up
Trim
Down
10KΩ
Trimpot
RTRIM-DOWN =
100
– 2
5.11kΩ
∆%
{
}
Trim-up
Trim-down
{
}
Trim:
To trim the output voltage higher, connect the
required trim resistor from the Trim pin to the
+Sense pin. To trim the output voltage lower, con-
nect the required trim resistor from the Trim pin to
the –Sense pin.
Decrease in Output Voltage (%)
1000
100
10
0
1
23456
7
8
9
10
Trim-down
Increase in Output Voltage (%)
10000
1000
100
0
1
23456
7
8
9
10
5.0V Trim-up


Similar Part No. - GAQW5V020SMT

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240EET GALAXY-GAQW1V240EET Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240EMT GALAXY-GAQW1V240EMT Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240EST GALAXY-GAQW1V240EST Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240MET GALAXY-GAQW1V240MET Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
More results

Similar Description - GAQW5V020SMT

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW5V020 GALAXY-GAMW5V020 Datasheet
973Kb / 7P
   48V Input, 5VDC, 20A Output
logo
Lineage Power Corporati...
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
logo
Bel Fuse Inc.
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
   Bus Converter 48V Input / 12V Output / 20A
logo
Lineage Power Corporati...
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
ESTW015A0A LINEAGEPOWER-ESTW015A0A Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
logo
Galaxy Power, Inc.
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com