Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMDW8V08R Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part # GMDW8V08R
Description  DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GMDW8V08R Datasheet(HTML) 3 Page - Galaxy Power, Inc.

  GMDW8V08R Datasheet HTML 1Page - Galaxy Power, Inc. GMDW8V08R Datasheet HTML 2Page - Galaxy Power, Inc. GMDW8V08R Datasheet HTML 3Page - Galaxy Power, Inc. GMDW8V08R Datasheet HTML 4Page - Galaxy Power, Inc. GMDW8V08R Datasheet HTML 5Page - Galaxy Power, Inc. GMDW8V08R Datasheet HTML 6Page - Galaxy Power, Inc. GMDW8V08R Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Dorado MV, Page 3
Part No. 01-002 Rev. 1.0–110702
PRELIMINARY
Undervoltage Lockout
30
32
36
34
40
38
Input Voltage (V)
Voltage
Rising
Voltage
Falling
Overvoltage Lockout
75
76
78
77
80
79
Input Voltage (V)
Voltage
Rising
Voltage
Falling
CoolConverter
Galaxy’s proprietary CoolConverterprovides:
•Patented single-stage power conversion architecture,
control, and magnetic design allow unprecedented power
density and efficiency in an isolated power supply.
• An advanced microcontroller reduces parts count while
adding features, performance, and flexibility in the design.
Protection and Control
Valid Input Voltage Range:
The converter measures the input voltage and will not
allow operation outside of the input voltage
specification. As shown by the graphs, hysteresis is
added to both the high and low voltage to prevent the
converter from turning on and off repeatedly when the
voltage is held near either voltage extreme. At low line
this assures the maximum input current is not exceeded;
at high line this assures the semiconductor devices in
the converter are not damaged by excessive voltage
stress.
ON/OFF Logic Option:
The ON/OFF control logic can be either Negative
(standard) or Positive to enable the converter. For
Negative logic, the ON/OFF pin is brought below 1.0V
with respect to the –INPUT pin to enable the converter.
For Positive logic, the ON/OFF pin is brought to greater
than 4.0V with respect to the –INPUT pin. To request
the Positive logic version, add the suffix (P) to the
standard part number. The Enable pin has a built-in pull
up resistor of approximately 100k
Ω.
Application Notes


Similar Part No. - GMDW8V08R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GMDW12V08 BEL-GMDW12V08 Datasheet
539Kb / 7P
   DORADO MV DC/DC CONVERTERS
GMDW12V08PERT001 BEL-GMDW12V08PERT001 Datasheet
539Kb / 7P
   DORADO MV DC/DC CONVERTERS
GMDW12V08PERT002 BEL-GMDW12V08PERT002 Datasheet
539Kb / 7P
   DORADO MV DC/DC CONVERTERS
GMDW12V08PERT003 BEL-GMDW12V08PERT003 Datasheet
539Kb / 7P
   DORADO MV DC/DC CONVERTERS
GMDW12V08PERT004 BEL-GMDW12V08PERT004 Datasheet
539Kb / 7P
   DORADO MV DC/DC CONVERTERS
More results

Similar Description - GMDW8V08R

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
GMDC12V08 BEL-GMDC12V08 Datasheet
561Kb / 7P
   DORADO MV DC/DC CONVERTERS
GMDW12V08 BEL-GMDW12V08 Datasheet
539Kb / 7P
   DORADO MV DC/DC CONVERTERS
logo
C&D Technologies
S020-1220120-FB CANDD-S020-1220120-FB Datasheet
198Kb / 9P
   DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
logo
Power-One
HHD20ZGE POWER-ONE-HHD20ZGE Datasheet
99Kb / 2P
   HHD25 Series . 20/25A, Half-Brick DC/DC Converter 24V/48V Input Dual Output
logo
TDK Electronics
PAF600F TDK-PAF600F Datasheet
225Kb / 2P
   24V 48V Input Full brick DC-DC Converters
logo
Galaxy Power, Inc.
GHBW53V08 GALAXY-GHBW53V08 Datasheet
796Kb / 7P
   BOLERO HP 48V Input, 53VDC, 8A Output
logo
List of Unclassifed Man...
ZUS62405 ETC2-ZUS62405 Datasheet
492Kb / 12P
   Rated input 5V, 12V, 24V or 48V DC Io=100%.
logo
Bel Fuse Inc.
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com