Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAQW5V020TET Datasheet(PDF) 6 Page - Galaxy Power, Inc.

Part # GAQW5V020TET
Description  48V Input, 5.0VDC, 20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAQW5V020TET Datasheet(HTML) 6 Page - Galaxy Power, Inc.

  GAQW5V020TET Datasheet HTML 1Page - Galaxy Power, Inc. GAQW5V020TET Datasheet HTML 2Page - Galaxy Power, Inc. GAQW5V020TET Datasheet HTML 3Page - Galaxy Power, Inc. GAQW5V020TET Datasheet HTML 4Page - Galaxy Power, Inc. GAQW5V020TET Datasheet HTML 5Page - Galaxy Power, Inc. GAQW5V020TET Datasheet HTML 6Page - Galaxy Power, Inc. GAQW5V020TET Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GAQW5V020 – 6
WWW.GALAXYPWR.COM
Part No. 02-GAQ-01 Rev. 3.0 – 041405
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
GAQW5V020 Operation
Back Bias
1) Vout 1V/div 20mS/div
Over-current Protection
6.0
5.0
4.0
3,0
2.0
1.0
0
20
28
30
Output Current (A)
22
24
26
Note: Over-current protection is blip-mode (aka hiccup).
36V Vin
48V Vin
75V Vin
Thermal Derating
Crosswise Airflow
25
20
15
10
5
0
020
30
80
90
Ambient Temperature (°C)
300 LFM
200 LFM
100 LFM
10
40
70
50
60
Thermal Derating
Lengthwise Airflow
25
20
15
10
5
0
020
30
80
90
Ambient Temperature (°C)
Open Frame:
300 LFM
200 LFM
100 LFM
10
40
70
50
60
Over Voltage Protection
1) Vout 1V/div 0.25mS/div


Similar Part No. - GAQW5V020TET

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240EET GALAXY-GAQW1V240EET Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240EMT GALAXY-GAQW1V240EMT Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240EST GALAXY-GAQW1V240EST Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240MET GALAXY-GAQW1V240MET Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
More results

Similar Description - GAQW5V020TET

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW5V020 GALAXY-GAMW5V020 Datasheet
973Kb / 7P
   48V Input, 5VDC, 20A Output
logo
Lineage Power Corporati...
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
logo
Bel Fuse Inc.
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
   Bus Converter 48V Input / 12V Output / 20A
logo
Lineage Power Corporati...
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
ESTW015A0A LINEAGEPOWER-ESTW015A0A Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
logo
Galaxy Power, Inc.
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com