Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2PW2V560 Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # G2PW2V560
Description  48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

G2PW2V560 Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  G2PW2V560 Datasheet HTML 1Page - Galaxy Power, Inc. G2PW2V560 Datasheet HTML 2Page - Galaxy Power, Inc. G2PW2V560 Datasheet HTML 3Page - Galaxy Power, Inc. G2PW2V560 Datasheet HTML 4Page - Galaxy Power, Inc. G2PW2V560 Datasheet HTML 5Page - Galaxy Power, Inc. G2PW2V560 Datasheet HTML 6Page - Galaxy Power, Inc. G2PW2V560 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pisces II Series, Page 5
WWW.GALAXYPWR.COM
Part No. 02-007 Rev. 3.0–061004
Pisces II Operation
2.5
2.0
1.5
1.0
0.5
0
6
4
2
0
Vout
Enable
0
10
20
30
40
50
Time (mS)
Enable-on Waveform
48V Input, 30A, 1.8V Output
Power Dissipation
1.8V Output
14
12
10
8
6
4
2
0
020
40
50
60
Load Current (A)
36V Vin
48V Vin
60V Vin
10
30
Power Dissipation
2.5V Output
16
14
12
10
8
6
4
2
0
020
40
50
60
Load Current (A)
36V Vin
48V Vin
60V Vin
10
30
Efficiency
1.8V Output
94
92
90
88
86
84
82
80
020
40
60
50
Output Current (A)
36V Vin
48V Vin
60V Vin
30
10
Efficiency
2.5V Output
94
92
90
88
86
84
82
80
020
40
60
50
Output Current (A)
36V Vin
48V Vin
60V Vin
30
10


Similar Part No. - G2PW2V560

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G2PW2V560 BEL-G2PW2V560 Datasheet
525Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW2V560PERT001 BEL-G2PW2V560PERT001 Datasheet
525Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW2V560PERT002 BEL-G2PW2V560PERT002 Datasheet
525Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW2V560PERT003 BEL-G2PW2V560PERT003 Datasheet
525Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW2V560PERT004 BEL-G2PW2V560PERT004 Datasheet
525Kb / 8P
   PISCES II DC/DC CONVERTERS
More results

Similar Description - G2PW2V560

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
logo
Power-One
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
logo
Galaxy Power, Inc.
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Galaxy Power, Inc.
GPLW5V060 GALAXY-GPLW5V060 Datasheet
851Kb / 8P
   LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
GAMW3V330 GALAXY-GAMW3V330 Datasheet
982Kb / 7P
   48V Input, 3.3VDC, 30A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com