Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM701SM Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM701SM
Description  Solid State Mouse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM701SM Datasheet(HTML) 2 Page - ELM Electronics

  ELM701SM Datasheet HTML 1Page - ELM Electronics ELM701SM Datasheet HTML 2Page - ELM Electronics ELM701SM Datasheet HTML 3Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELM701
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Pin Descriptions
Ordering Information
These integrated circuits are available in either the 300 mil plastic DIP format, or in the 200 mil SOIC surface
mount type of package. To order, add the appropriate suffix to the part number:
300 mil Plastic DIP............................... ELM701P
200 mil SOIC..................................... ELM701SM
2 of 3
Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Power Applied....................................-40°C to +85°C
Voltage on VDD with respect to VSS............ 0 to +7.5V
Voltage on any other pin with
respect to VSS........................... -0.6V to (VDD + 0.6V)
Note:
Stresses beyond those listed here will likely damage
the device. These values are given as a design
guideline only. The ability to operate to these levels
is neither inferred nor recommended.
All rights reserved. Copyright ©1999 Elm Electronics.
Every effort is made to verify the accuracy of information provided in this document, but no representation or warranty can be
given and no liability assumed by Elm Electronics with respect to the accuracy and/or use of any products or information
described in this document. Elm Electronics will not be responsible for any patent infringements arising from the use of these
products or information, and does not authorize or warrant the use of any Elm Electronics product in life support devices and/or
systems. Elm Electronics reserves the right to make changes to the device(s) described in this document in order to improve
reliability, function, or design.
VDD (pin 1)
This pin is the positive supply pin, and should
always be the most positive point in the circuit.
Internal circuitry connected to this pin is used to
provide power on reset of the microprocessor, so
an external reset signal is not required. Refer to
the Electrical Characteristics section for further
information.
in1, in2, in3, and in4
(pins 2, 3, 4, and 5 respectively)
These are CMOS input pins that are not used in
this design. Due to the nature of CMOS circuitry,
however, they can cause severe overheating,
and battery consumption is left floating. For this
reason all four of these pins must be connected
to either VSS or VDD.
OUT1 and OUT2 (pins 6 and 7)
These are the actual output piezo drive pins.
Polarity is not important for either the piezo
element or for the ELM701, but there must be a
series
resistor
installed
in
one
of
the
connections. This resistor both limits the volume
of the sound produced, and also limits the piezo
current on energization. (the piezo element
appears as a relatively large capacitive load, so
requires a means to limit the charging current).
See the Electrical Characteristics for resistor
sizes.
VSS (pin 8)
Circuit common is connected to this pin. This is
the most negative point in the circuit.
ELM701DSB


Similar Part No. - ELM701SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM711 ELM-ELM711 Datasheet
47Kb / 7P
   Christmas LEDs Driver
ELM711P ELM-ELM711P Datasheet
47Kb / 7P
   Christmas LEDs Driver
ELM711SM ELM-ELM711SM Datasheet
47Kb / 7P
   Christmas LEDs Driver
ELM712 ELM-ELM712 Datasheet
23Kb / 3P
   LED Runner
ELM712P ELM-ELM712P Datasheet
23Kb / 3P
   LED Runner
More results

Similar Description - ELM701SM

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDNS-2100 HP-HDNS-2100 Datasheet
172Kb / 2P
   Solid-State Optical Mouse Lens
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5100 AVAGO-ADNS-5100 Datasheet
228Kb / 4P
   Solid-State Optical Mouse Lens
logo
Broadcom Corporation.
ADNK-5000 BOARDCOM-ADNK-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5000 AVAGO-ADNK-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
ADNS-2120 AVAGO-ADNS-2120 Datasheet
123Kb / 4P
   Solid-State Optical Mouse Lens
logo
Agilent(Hewlett-Packard...
ADNK-2620 HP-ADNK-2620 Datasheet
116Kb / 1P
   Solid-State Optical Mouse Sensor
ADNK-2052 HP-ADNK-2052 Datasheet
717Kb / 51P
   Solid-State Optical Mouse Sensor
logo
Analog Devices
ADNK-2030 AD-ADNK-2030 Datasheet
121Kb / 1P
   Solid-State Optical Mouse Sensor Sample Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3120-001 AVAGO-ADNS-3120-001 Datasheet
120Kb / 3P
   Solid-State Optical Mouse Lens Angular tolerance 3.0
logo
List of Unclassifed Man...
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
   Solid State
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com