Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM634SM Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM634SM
Description  9600bps miniLIN Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM634SM Datasheet(HTML) 5 Page - ELM Electronics

  ELM634SM Datasheet HTML 1Page - ELM Electronics ELM634SM Datasheet HTML 2Page - ELM Electronics ELM634SM Datasheet HTML 3Page - ELM Electronics ELM634SM Datasheet HTML 4Page - ELM Electronics ELM634SM Datasheet HTML 5Page - ELM Electronics ELM634SM Datasheet HTML 6Page - ELM Electronics ELM634SM Datasheet HTML 7Page - ELM Electronics ELM634SM Datasheet HTML 8Page - ELM Electronics ELM634SM Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
ELM634
ELM634DSB
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Remember that they are not case-sensitive, they can
have spaces or tab characters embedded as you wish,
and that for the on/off type commands, the ‘0’
character is the number zero.
AT Commands (continued)
BR
[ display the Baud Rate ]
This command asks the IC for the LIN baud rate it is
currently operating at. The ELM634 only supports
one baud rate, so this command will always return
with the response ‘9600’.
D
[ set all to Defaults ]
This command resets all of the options to their
default values which were set at the last power-up,
or manual reset command. This usually only affects
the echo and linefeed modes, but if the RS232Rx
pin was at an active level during the last reset, the
IC will immediately enter the Monitor All (AT MA)
mode after this command is issued.
E0 and E1
[ Echo off(0) or on(1) ]
These commands control whether or not characters
received on the RS232 port are re-transmitted (or
echoed) back to the host computer. To reduce traffic
on the RS232 bus, users may wish to turn echoing
off by issuing AT E0. The default is E1 (echo on).
I
[ Identify yourself ]
Issuing this command causes the chip to identify
itself, by printing the startup product ID string (which
is currently ‘ELM634 v2.0’). Software can use this to
determine exactly which integrated circuit it is talking
to, without resorting to resetting the entire IC.
L0 and L1
[ Linefeeds off(0) or on(1) ]
The option of transmitting a linefeed character after
each carriage return character is controlled by these
commands.
If
an
AT
L1
is
issued,
linefeed
generation will be turned on, and for AT L0, it will be
off. Users may wish to have this option on if using a
terminal program, but off if using a custom interface
(as the extra characters serve no real purpose in
such a case). The default setting is L1 (linefeed
characters are sent after every carriage return).
MA
[ Monitor All ]
This command causes the IC to immediately begin
monitoring the LIN bus for messages, displaying all
that it finds. It can be interrupted at any time by
activity on the RS232 receive input.
MR hh
[ Monitor for a Response to hh ]
This is a special version of the AT MA command.
Only identifier/command bytes matching the hex
characters ‘hh’ will be displayed, and all others will be
ignored. This can be useful if trying to track down a
troublesome switch problem, or for triggering another
action on a specific input.
Z
[ reset all ]
This combination causes the chip to perform a
complete reset, as if power was cycled off and then
on again. All settings are returned to their default
values, and if the RS232Rx input is not held at an
active level for the entire reset time, the chip will be
put in the idle state, waiting for characters to arrive
on the RS232 bus. Note that the level at the Rxmode
input is measured again at this time, so the RS232Rx
input may be affected if the level at pin 4 has
changed since the initial power-up.


Similar Part No. - ELM634SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM630 ELM-ELM630 Datasheet
80Kb / 12P
   LIN Monitor
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
ELM Electronics
ELM630P ELM-ELM630P Datasheet
80Kb / 12P
   LIN Monitor
ELM630SM ELM-ELM630SM Datasheet
80Kb / 12P
   LIN Monitor
ELM633 ELM-ELM633 Datasheet
81Kb / 11P
   19200bps miniLIN Monitor
More results

Similar Description - ELM634SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM633 ELM-ELM633 Datasheet
81Kb / 11P
   19200bps miniLIN Monitor
logo
List of Unclassifed Man...
R96MFX ETC2-R96MFX Datasheet
1Mb / 23P
   9600BPS MONOFAX MODEM
logo
STMicroelectronics
TEA7531 STMICROELECTRONICS-TEA7531 Datasheet
296Kb / 17P
   MONITOR AMPLIFIER
logo
Texas Instruments
UC3730N TI-UC3730N Datasheet
261Kb / 6P
[Old version datasheet]   Thermal Monitor
logo
STMicroelectronics
TEA7530 STMICROELECTRONICS-TEA7530 Datasheet
118Kb / 11P
   MONITOR AMPLIFIER
TEA7532 STMICROELECTRONICS-TEA7532 Datasheet
201Kb / 16P
   MONITOR AMPLIFIER
logo
Extech Instruments Corp...
PM120 EXTECH-PM120 Datasheet
232Kb / 1P
   Power Monitor
Rev. 10/17/17
logo
Samsung semiconductor
770TFT SAMSUNG-770TFT Datasheet
1Mb / 43P
   Color Monitor
September 1999
logo
Assmann Electronics Inc...
AK514-18-R ASSMANN-AK514-18-R Datasheet
242Kb / 1P
   MONITOR CABLE
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com