Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN13812-RTX Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN13812-RTX
Description  CMOS LSIs for Voltage Detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN13812-RTX Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN13812-RTX Datasheet HTML 1Page - Panasonic Semiconductor MN13812-RTX Datasheet HTML 2Page - Panasonic Semiconductor MN13812-RTX Datasheet HTML 3Page - Panasonic Semiconductor MN13812-RTX Datasheet HTML 4Page - Panasonic Semiconductor MN13812-RTX Datasheet HTML 5Page - Panasonic Semiconductor MN13812-RTX Datasheet HTML 6Page - Panasonic Semiconductor MN13812-RTX Datasheet HTML 7Page - Panasonic Semiconductor MN13812-RTX Datasheet HTML 8Page - Panasonic Semiconductor MN13812-RTX Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
MN1380 Series
Microcomputer Peripheral LSIs
MN1380 Series Naming Conventions
The MN1380 series offers a wide selection of detection ranks, output types, package types, and packaging. All
combinations use the following naming conventions. When ordering, be sure to give the correct part number using
these naming conventions.
Winding direction for tape packaging
(TA) ...... Tape packaging for TO-92 type package
(TX) ...... Embossed tape packing for mini type package
(TW) ..... Embossed tape packing for mini type package
For further details, see the package specifications.
Detection voltage rank (C to U)
Output type:
Blank ········ CMOS output
1 ················ N-channel open drain output
2 ················ inverted CMOS output
Package:
0 ················ M type package
1 ················ TO-92 type package
2 ················ Mini type package
Matsushita Electronics Corporation MN1380 series of voltage detection CMOS
LSIs with low current consumptions
MN13821–R (TW)
(Example)
Embossed tape packaging
R rank (detection voltage of 4.0 to 4.3 V)
N-channel open drain output
Mini type package
MN1380 series of voltage detection CMOS LSIs with low current consumption
MN13801–R (TA)
Minimum Packaging Unit
Bulk (M and TO-92 types) ·············· 1,000
Magazine (Mini type) ······················ 50
Taping (Mini and TO-92 types) ······· 3,000


Similar Part No. - MN13812-RTX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN1300 ETC2-MN1300 Datasheet
275Kb / 5P
   Alkaline-Manganese Dioxide Battery
More results

Similar Description - MN13812-RTX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
   Error Detection Correction LSIs for RDS Demodulators
LC7070N SANYO-LC7070N Datasheet
195Kb / 8P
   Sync and Error Detection & Correction LSIs for RDS
logo
NTE Electronics
NTE15044 NTE-NTE15044 Datasheet
19Kb / 2P
   Integrated Circuit CMOS, LSI for Supply Voltage Detection
logo
Nippon Precision Circui...
CF1156 NPC-CF1156_06 Datasheet
78Kb / 8P
   Melody LSIs
CF1155 NPC-CF1155 Datasheet
65Kb / 7P
   Melody LSIs
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
   CMOS melody LSIs with built-in LED driver
SM1155 NPC-SM1155 Datasheet
75Kb / 7P
   Melody LSIs
CF1155 NPC-CF1155_06 Datasheet
74Kb / 8P
   Melody LSIs
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
   ADPCM SPEECH SYNTHESIZER LSIs
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
   Under-Voltage Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com