Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM633 Datasheet(PDF) 11 Page - ELM Electronics

Part # ELM633
Description  19200bps miniLIN Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM633 Datasheet(HTML) 11 Page - ELM Electronics

Back Button ELM633 Datasheet HTML 3Page - ELM Electronics ELM633 Datasheet HTML 4Page - ELM Electronics ELM633 Datasheet HTML 5Page - ELM Electronics ELM633 Datasheet HTML 6Page - ELM Electronics ELM633 Datasheet HTML 7Page - ELM Electronics ELM633 Datasheet HTML 8Page - ELM Electronics ELM633 Datasheet HTML 9Page - ELM Electronics ELM633 Datasheet HTML 10Page - ELM Electronics ELM633 Datasheet HTML 11Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 of 11
ELM633
ELM633DSB
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Example Applications (continued)
This mode is entered into automatically if the
RS232Rx input is found to be at an active level for the
entire startup time period. This is the period of time
that it takes for the ELM633 to stabilize on a power-up
or reset, prior to issuing the first ‘ELM633 v2.0’
message. Since pin 4 is shown connected high, if pin 5
is held low for at least the initial period, the device will
immediately enter the AT MA mode, as if a user had
sent the command. This is convenient if one wants to
monitor all LIN bus data, but does not particularly want
to manually have to initiate the monitoring. This would
be useful
if making a ‘smart’ adapter cable, for
example. Circuit power is from three button cells,
which provide 4.5V to the circuit through a momentary
action pushbutton switch. The 4.5V is at the lower
level of recommended voltages, but is still within
specified limits, so works fine.
These examples have hopefully provided enough
information to get you started with LIN devices. The
LIN standard shows considerable promise for low-cost
circuits that can be used in lower speed networks such
as
for
man-machine
interfaces.
While
they
are
relatively new and not too frequently found at this time,
they are beginning to turn up everywhere…
Figure 4. LIN Logic Probe
3.58MHz
27pF
10K
4.7K
1
2
3
4
7
6
5
633
8
27pF
2 (RxD)
5 (SG)
3 (TxD)
RS232
Interface
4.7K
LIN Data
Signal
Ground
LIN
Interface
10K
22K
0.01µF
+4.5V


Similar Part No. - ELM633

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM630 ELM-ELM630 Datasheet
80Kb / 12P
   LIN Monitor
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
ELM Electronics
ELM630P ELM-ELM630P Datasheet
80Kb / 12P
   LIN Monitor
ELM630SM ELM-ELM630SM Datasheet
80Kb / 12P
   LIN Monitor
ELM634 ELM-ELM634 Datasheet
81Kb / 11P
   9600bps miniLIN Monitor
More results

Similar Description - ELM633

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM634 ELM-ELM634 Datasheet
81Kb / 11P
   9600bps miniLIN Monitor
logo
STMicroelectronics
TEA7531 STMICROELECTRONICS-TEA7531 Datasheet
296Kb / 17P
   MONITOR AMPLIFIER
logo
Texas Instruments
UC3730N TI-UC3730N Datasheet
261Kb / 6P
[Old version datasheet]   Thermal Monitor
logo
STMicroelectronics
TEA7530 STMICROELECTRONICS-TEA7530 Datasheet
118Kb / 11P
   MONITOR AMPLIFIER
TEA7532 STMICROELECTRONICS-TEA7532 Datasheet
201Kb / 16P
   MONITOR AMPLIFIER
logo
Extech Instruments Corp...
PM120 EXTECH-PM120 Datasheet
232Kb / 1P
   Power Monitor
Rev. 10/17/17
logo
Samsung semiconductor
770TFT SAMSUNG-770TFT Datasheet
1Mb / 43P
   Color Monitor
September 1999
logo
Assmann Electronics Inc...
AK514-18-R ASSMANN-AK514-18-R Datasheet
242Kb / 1P
   MONITOR CABLE
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
   Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com