Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM627 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM627
Description  RS232 Break Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM627 Datasheet(HTML) 2 Page - ELM Electronics

  ELM627 Datasheet HTML 1Page - ELM Electronics ELM627 Datasheet HTML 2Page - ELM Electronics ELM627 Datasheet HTML 3Page - ELM Electronics ELM627 Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELM627
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Pin Descriptions
Ordering Information
These integrated circuits are available in either the 300 mil plastic DIP format, or in the 200 mil SOIC surface
mount type of package. To order, add the appropriate suffix to the part number:
300 mil Plastic DIP............................... ELM627P
200 mil SOIC..................................... ELM627SM
2 of 4
All rights reserved. Copyright ©1998 Elm Electronics.
Every effort is made to verify the accuracy of information provided in this document, but no representation or warranty can be
given and no liability assumed by Elm Electronics with respect to the accuracy and/or use of any products or information
described in this document. Elm Electronics will not be responsible for any patent infringements arising from the use of these
products or information, and does not authorize or warrant the use of any Elm Electronics product in life support devices and/or
systems. Elm Electronics reserves the right to make changes to the device(s) described in this document in order to improve
reliability, function, or design.
VDD (pin 1)
This pin is the positive supply pin, and should
always be the most positive point in the circuit.
Internal circuitry connected to this pin is used to
provide power on reset of the microprocessor, so
an external reset signal is not required. Refer to
the Electrical Characteristics section for further
information.
Q (pin 2)
This signal is driven to a logical high level when a
break signal is detected, and during powerup.
Q (pin 3)
This output signal is normally held at a high level,
and is driven low when a break signal is detected,
as well as immediately after powerup.
P/C (pin 4)
This is the pulse/continuous control input pin,
used to modify the behavior of the circuit output.
If at a logic high when a break signal is detected,
the output will consist of a single 100ms pulse.
Otherwise,
the
output
will
remain
active
continuously until pin 5 returns to a logical low
level. The output duration will always be a
minimum of 10ms, and is 100ms on powerup.
TxD (pin 5)
This is the monitored signal input, usually
connected directly to the RS232 Transmit Data
line through a suitable current limiting resistor.
This input employs Schmitt trigger logic so that
input
waveshaping
circuitry
is
not
normally
required.
T1 (pin 6) and T0 (pin 7)
These are the threshold setting inputs. Logic
levels on these pins at the rising edge of TxD are
used to determine the required minimum duration
of the break signal, as shown in Table 1 below.
VSS (pin 8)
Circuit common is connected to this pin. This is
the most negative point in the circuit.
ELM627DSA
Threshold Setting
Min Break Signal
Baud rate, ‘00’ character sent
will trigger at
but not at
T1
T0
(msec)
L
L
L
H
L
H
H
H
5.0
11
22
120
1200
2400
600
1200
300
600
-
110
Table 1. Threshold Settings


Similar Part No. - ELM627

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM620BA ELM-TECH-ELM620BA Datasheet
885Kb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
   high efficiency synchronous PWM step up DC/DC converter
logo
ELM Technology Corporat...
ELM620BA-S ELM-TECH-ELM620BA-S Datasheet
885Kb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
ELM620BA ELM-TECH-ELM620BA_17 Datasheet
1Mb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
ELM Electronics
ELM621 ELM-ELM621 Datasheet
38Kb / 6P
   SERIAL THREE BIT PORT
More results

Similar Description - ELM627

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM626 ELM-ELM626 Datasheet
29Kb / 4P
   RS232 Break Detector
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
   RS232 interface
logo
PHOENIX CONTACT
2744461 PHOENIX-2744461 Datasheet
875Kb / 14P
   Interface converter - PSM-ME-RS232/RS232-P
Dec 2, 2022
logo
ATMEL Corporation
AT90PWM2-3 ATMEL-AT90PWM2-3 Datasheet
123Kb / 6P
   RS232 cable from PC to RS232 CTRL connector
logo
Assmann Electronics Inc...
AB939-R ASSMANN-AB939-R Datasheet
61Kb / 1P
   RS232 Empty Housing
logo
List of Unclassifed Man...
USBRS232 ETC-USBRS232 Datasheet
22Kb / 1P
   USB TO RS232
logo
Beckhoff Automation Gmb...
C9900-E301 BECKHOFF-C9900-E301 Datasheet
117Kb / 1P
   RS232 PCIe module
logo
Linear Technology
LT1039 LINER-LT1039_1 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
logo
List of Unclassifed Man...
BHCRS02BI ETC2-BHCRS02BI Datasheet
334Kb / 2P
   Bluetooth RS232 Adapter
logo
rfsolutions.ltd
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
   RS232 RADIO MODEM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com