Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM322SM Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM322SM
Description  OBD (VPW) to RS232 Interpreter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM322SM Datasheet(HTML) 3 Page - ELM Electronics

  ELM322SM Datasheet HTML 1Page - ELM Electronics ELM322SM Datasheet HTML 2Page - ELM Electronics ELM322SM Datasheet HTML 3Page - ELM Electronics ELM322SM Datasheet HTML 4Page - ELM Electronics ELM322SM Datasheet HTML 5Page - ELM Electronics ELM322SM Datasheet HTML 6Page - ELM Electronics ELM322SM Datasheet HTML 7Page - ELM Electronics ELM322SM Datasheet HTML 8Page - ELM Electronics ELM322SM Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
ELM322
Electrical Characteristics
Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Power Applied....................................-40°C to +85°C
Voltage on VDD with respect to VSS............ 0 to +7.5V
Voltage on any other pin with
respect to VSS........................... -0.6V to (VDD + 0.6V)
Note:
Stresses beyond those listed here will likely damage
the device. These values are given as a design
guideline only. The ability to operate to these levels
is neither inferred nor recommended.
3 of 18
All values are for operation at 25°C and a 5V supply, unless otherwise noted. For further information, refer to note 1 below.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
Supply voltage, VDD
4.5
5.0
5.5
V
VDD rate of rise
0.05
V/ms
Average supply current, IDD
1.0
2.4
mA
Notes:
1. This integrated circuit is produced with a Microchip Technology Inc.’s PIC12C5XX as the core embedded
microcontroller. For further device specifications, and possibly clarification of those given, please refer to the
appropriate Microchip documentation (available at http://www.microchip.com/).
2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved
using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as
may be obtained through direct connection to solar cells, or some charge pump circuits.
3. Device only. Does not include any load currents.
4. This specification represents the current flowing through the internal protection diodes when the voltage
connected to the Rx input (through a current limiting resistance) is greater than VDD or less than VSS.
Currents quoted are the maximum that should be allowed to flow continuously.
5. Nominal data transfer rate when a 3.58 MHz crystal is used as the frequency reference. Data is transferred
to and from the ELM322 with 8 data bits, no parity, and 1 stop bit (8 N 1).
Input low voltage
VSS
0.15 VDD
V
Input high voltage
VDD
V
0.85 VDD
Output low voltage
0.6
V
Output high voltage
V
VDD - 0.7
Current (sink) = 8.7 mA
Current (source) = 5.4 mA
see note 2
ELM322DSE
see note 3
Rx pin input current
mA
see note 4
-0.5
RS232 baud rate
baud
see note 5
9600
+0.5


Similar Part No. - ELM322SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM322SM ELM-ELM322SM Datasheet
91Kb / 18P
   OBD (VPW) to RS232 Interpreter
More results

Similar Description - ELM322SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM322 ELM-ELM322_09 Datasheet
91Kb / 18P
   OBD (VPW) to RS232 Interpreter
ELM327 ELM-ELM327_1 Datasheet
231Kb / 51P
   OBD to RS232 Interpreter
logo
List of Unclassifed Man...
ELM327 ETC1-ELM327 Datasheet
24Kb / 5P
   OBD to RS232 Interpreter
logo
ELM Electronics
ELM327 ELM-ELM327_10 Datasheet
378Kb / 76P
   OBD to RS232 Interpreter
ELM327 ELM-ELM327_13 Datasheet
393Kb / 82P
   OBD to RS232 Interpreter
ELM323 ELM-ELM323 Datasheet
125Kb / 19P
   OBD (ISO) to RS232 Interpreter
ELM323 ELM-ELM323_09 Datasheet
97Kb / 19P
   OBD (ISO) to RS232 Interpreter
ELM320 ELM-ELM320 Datasheet
100Kb / 16P
   OBD (PWM) TO RS232 INTERPRETER
ELM320 ELM-ELM320_09 Datasheet
80Kb / 16P
   OBD (PWM) to RS232 Interpreter
logo
List of Unclassifed Man...
STN1110 ETC1-STN1110 Datasheet
612Kb / 24P
   Multiprotocol OBD to UART Interpreter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com