Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM440SM Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM440SM
Description  60Hz Generator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM440SM Datasheet(HTML) 4 Page - ELM Electronics

  ELM440SM Datasheet HTML 1Page - ELM Electronics ELM440SM Datasheet HTML 2Page - ELM Electronics ELM440SM Datasheet HTML 3Page - ELM Electronics ELM440SM Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Example Application
4 of 4
The ELM440 can be easily configured to
provide a 60Hz output as shown in Figure 1 below.
A 3.579545MHz crystal is connected to the
integrated circuit, along with suitable loading
capacitors, and the 60Hz output is then taken from
pin 7. Pin 5 is grounded, as no reference signal is
supplied. As usual, it is also good practise to place
a bypass capacitor across the power supply as
well.
Figure 2 shows how easily this circuit can be
modified to operate in synchronism with the AC
power line. A reference signal is taken from one
half of a 16Vrms CT transformer winding through a
47K
Ω resistor. Both circuits share a common VSS.
The resistor was chosen to limit peak currents in
this circuit to about 0.24 mA, which is well within
the IC’s capabilities. The ELM440 will continue to
use this signal as it’s reference, as long as it is
available. Upon loss of the AC, the circuit will
automatically switch over to using the crystal as a
reference.
Using a rectifier circuit for the reference signal
can pose some problems if one is not careful. Full-
wave circuits can be particularly troublesome as
all of the diodes may cease to conduct after the
peak of the waveform, and the input voltage level
is then essentially floating. In this case, at
minimum, a large value (470K
Ω) resistor should
also be connected between the sync input and
VSS, to provide a ground reference during these
times.
Both circuits shown are simple, leaving little
room for change. One modification that might be
considered for either is to replace one of the fixed
value capacitors with a variable one, in order to be
able to trim the oscillator frequency for greater
accuracy.
ELM440
ELM440DSB
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
60Hz Out
0.1µF
+5V
1
2
3
4
8
7
6
5
27pF
3.58MHz
27pF
Figure 1. Typical Connections
Figure 2. Using the Sync Input
0.1µF
+5V
1
2
3
4
8
7
6
5
60Hz Out
27pF
3.58MHz
27pF
47K
8V
8V
+


Similar Part No. - ELM440SM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM440A EVERLIGHT-ELM440A Datasheet
696Kb / 10P
   4PIN MINI FLAT PACKAGE SOLID STATE RELAY
More results

Similar Description - ELM440SM

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
MD-2000-U TRIAD-MD-2000-U Datasheet
54Kb / 1P
   120VAC짹10%, 50/60Hz
MD-2400-E TRIAD-MD-2400-E Datasheet
54Kb / 1P
   240VAC짹10%, 50/60Hz
MD-250-E TRIAD-MD-250-E Datasheet
55Kb / 1P
   240VAC짹10%, 50/60Hz
MD-250-U TRIAD-MD-250-U Datasheet
55Kb / 1P
   120VAC짹10%, 50/60Hz
MD-500-U TRIAD-MD-500-U Datasheet
55Kb / 1P
   120VAC짹10%, 50/60Hz
MD-1000-U TRIAD-MD-1000-U Datasheet
55Kb / 1P
   120VAC짹10%, 50/60Hz
MD-500-E TRIAD-MD-500-E Datasheet
55Kb / 1P
   240VAC짹10%, 50/60Hz
WAU060-2000-G TRIAD-WAU060-2000-G Datasheet
145Kb / 1P
   Primary Rating:120V 60Hz
WAU060-2000-S TRIAD-WAU060-2000-S Datasheet
143Kb / 1P
   Primary Rating:120V 60Hz
WAU200-600T TRIAD-WAU200-600T Datasheet
140Kb / 1P
   Primary Rating:120V 60Hz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com