Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F342-GQ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # C8051F342-GQ
Description  Full Speed USB Flash MCU Family
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F342-GQ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button C8051F342-GQ Datasheet HTML 6Page - List of Unclassifed Manufacturers C8051F342-GQ Datasheet HTML 7Page - List of Unclassifed Manufacturers C8051F342-GQ Datasheet HTML 8Page - List of Unclassifed Manufacturers C8051F342-GQ Datasheet HTML 9Page - List of Unclassifed Manufacturers C8051F342-GQ Datasheet HTML 10Page - List of Unclassifed Manufacturers C8051F342-GQ Datasheet HTML 11Page - List of Unclassifed Manufacturers C8051F342-GQ Datasheet HTML 12Page - List of Unclassifed Manufacturers C8051F342-GQ Datasheet HTML 13Page - List of Unclassifed Manufacturers C8051F342-GQ Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 282 page
background image
C8051F340/1/2/3/4/5/6/7
10
Rev. 0.5
8. Voltage Regulator (REG0)
Table 8.1. Voltage Regulator Electrical Specifications............................................ 69
Figure 8.1. REG0 Configuration: USB Bus-Powered ............................................... 70
Figure 8.2. REG0 Configuration: USB Self-Powered ............................................... 70
Figure 8.3. REG0 Configuration: USB Self-Powered, Regulator Disabled .............. 71
Figure 8.4. REG0 Configuration: No USB Connection............................................. 71
9. CIP-51 Microcontroller
Figure 9.1. CIP-51 Block Diagram............................................................................ 73
Table 9.1. CIP-51 Instruction Set Summary............................................................ 75
Figure 9.2. Memory Map .......................................................................................... 79
Table 9.2. Special Function Register (SFR) Memory Map...................................... 81
Table 9.3. Special Function Registers .................................................................... 82
Table 9.4. Interrupt Summary ................................................................................. 89
10. Prefetch Engine
11. Reset Sources
Figure 11.1. Reset Sources.................................................................................... 101
Figure 11.2. Power-On and VDD Monitor Reset Timing ........................................ 102
Table 11.1. Reset Electrical Characteristics........................................................... 107
12. Flash Memory
Table 12.1. Flash Electrical Characteristics ........................................................... 111
Figure 12.1. Flash Program Memory Map and Security Byte................................. 112
13. External Data Memory Interface and On-Chip XRAM
Figure 13.1. USB FIFO Space and XRAM Memory Map with USBFAE set to ‘1’ .. 118
Figure 13.2. Multiplexed Configuration Example.................................................... 122
Figure 13.3. Non-multiplexed Configuration Example ............................................ 123
Figure 13.4. EMIF Operating Modes ...................................................................... 123
Figure 13.5. Non-multiplexed 16-bit MOVX Timing ................................................ 127
Figure 13.6. Non-multiplexed 8-bit MOVX without Bank Select Timing ................. 128
Figure 13.7. Non-multiplexed 8-bit MOVX with Bank Select Timing ...................... 129
Figure 13.8. Multiplexed 16-bit MOVX Timing........................................................ 130
Figure 13.9. Multiplexed 8-bit MOVX without Bank Select Timing ......................... 131
Figure 13.10. Multiplexed 8-bit MOVX with Bank Select Timing ............................ 132
Table 13.1. AC Parameters for External Memory Interface.................................... 133
14. Oscillators
Figure 14.1. Oscillator Diagram.............................................................................. 135
Table 14.1. Oscillator Electrical Characteristics ..................................................... 145
15. Port Input/Output
Figure 15.1. Port I/O Functional Block Diagram (Port 0 through Port 3) ................ 147
Figure 15.2. Port I/O Cell Block Diagram ............................................................... 148
Figure 15.3. Crossbar Priority Decoder with No Pins Skipped ............................... 149
Figure 15.4. Crossbar Priority Decoder with Crystal Pins Skipped ........................ 150
Table 15.1. Port I/O DC Electrical Characteristics.................................................. 162
16. Universal Serial Bus Controller (USB0)
Figure 16.1. USB0 Block Diagram.......................................................................... 163
Table 16.1. Endpoint Addressing Scheme ............................................................. 164


Similar Part No. - C8051F342-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F342-GQ SILABS-C8051F342-GQ Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
C8051F342-GQ SILABS-C8051F342-GQ Datasheet
1Mb / 276P
   On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
More results

Similar Description - C8051F342-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
   Full Speed USB Flash MCU Family
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
C8051F38X SILABS-C8051F38X Datasheet
82Kb / 2P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F32X ETC-C8051F32X Datasheet
3Mb / 256P
   Full Speed USB, 16k ISP FLASH MCU Family
C8051F326 ETC1-C8051F326 Datasheet
1Mb / 40P
   Full Speed USB, 16 kB Flash MCU Family
C8051F327-GM ETC2-C8051F327-GM Datasheet
1Mb / 142P
   Full Speed USB, 16 kB Flash MCU Family
logo
Silicon Laboratories
C8051F326 SILABS-C8051F326_08 Datasheet
1Mb / 141P
   Full Speed USB, 16 kB Flash MCU Family
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F321-GMR SILABS-C8051F321-GMR Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320_09 Datasheet
1Mb / 251P
   Full Speed USB, 16 k ISP FLASH MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com