Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDS5034B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TDS5034B
Description  Digital Phosphor Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDS5034B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TDS5034B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Digital Phosphor Oscilloscopes
TDS5000B Series
Oscilloscopes • www.tektronix.com/tds5000b
6
Characteristics
Vertical System
TDS5032B/TDS5034B
TDS5052B/TDS5054B/
TDS5104B
TDS5054BE
Input Channels
2/4
2/4/4
4
Analog Bandwidth (–3 dB)
350 MHz
500 MHz
1 GHz
5 mV/div – 1 V/div
Calculated Rise Time 5 mV/div (typical)
1.15 ns
800 ps
300 ps
Hardware Bandwidth Limits
150 MHz or 20 MHz
Input Coupling
AC, DC, GND
Input Impedance, 1 M
±1%
Input Impedance, 50
±1%
±1%
±2.5%
Input Sensitivity, 1 M
1 mV/div to 10 V/div
Input Sensitivity, 50
1 mV/div to 1 V/div
Vertical Resolution
8-bits (>11-bits w/ averaging)
Max Input Voltage, 1 M
150 V CAT I,
≤ 400 V peak. Derate at 20 dB/decade to 9 V
RMS above 200 kHz
Max Input Voltage, 50
5 V
RMS with peaks <±30 V
5 V
RMS with peaks <±30 V
<100 mV/div <1 V
RMS
≥100 mV/div <5 V
RMS
DC Gain Accuracy
1.5% with offset set to 0 V
Offset Range, 1 M
1 mV/div – 99.5 mV/div ±1 V
100 mV/div – 1 V/div ±10 V
1.01 V/div – 10 V/div ±100 V
Offset Range, 50
1 mV/div – 99.5 mV/div ±1 V
1 mV/div – 99.5 mV/div ±1 V
1 mV/div – 50 mV/div ±0.5 V
100 mV/div –1 V/div ±10 V
100 mV/div –1 V/div ±10 V
50.5 mV/div – 99.5 mV/div ±0.25 V
100 mV/div – 500 mV/div ±5 V
505 mV/div – 1 V/div ±2.5 V
Channel-to-Channel Isolation for Any
≥100:1 at ≤100 MHz and ≥30:1 at >100 MHz up to the rated bandwidth
Two Channels at Equal Vertical Scale
Timebase System
All Models
Timebase Range
200 ps/div to 1000 s/div
Timebase Delay Time Range
(s/div x 10) to 1000 s
Channel-to-Channel Deskew Range
±75 ns
Timebase Accuracy
15 ppm
Delta Time Measurement Accuracy
(0.06/sample rate + 15 ppm x |Reading|)
RMS
Trigger Jitter (RMS)
8 ps
RMS (typical)
Long Term Sample Rate and Delay Time Accuracy
±15 ppm over any
≥1 ms interval


Similar Part No. - TDS5034B

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TDS500 TEKTRONIX-TDS500 Datasheet
202Kb / 4P
   Differential Preamplifier
TDS5000 TEKTRONIX-TDS5000 Datasheet
202Kb / 4P
   Differential Preamplifier
More results

Similar Description - TDS5034B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3000C ETC2-TDS3000C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
TDS3012B ETC1-TDS3012B Datasheet
433Kb / 8P
   DIGITAL PHOSPHOR OSCILLOSCOPES
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com