Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDS5034B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TDS5034B
Description  Digital Phosphor Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDS5034B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TDS5034B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 11Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Digital Phosphor Oscilloscopes
TDS5000B Series
GPIB Port – IEEE 488.2 standard, can be
configured for talk/listen or controller mode.
Oscilloscope VGA Video Port – DB-15 female
connector, connect to show the oscilloscope
display on an external monitor or projector.
Power Source
Power – 100 to 240 V
RMS ±10%, 47 to 63 Hz;
CAT II, or 115 V
RMS ±10%, 360 to 440 Hz
Power Consumption – <220 W.
Physical
Characteristics
BENCHTOP CONFIGURATION
Dimensions
mm
in.
Height
361
11.2*1
Width
447
17.6
Depth
288
11.35
Weight
kg
lbs.
Net
11.23
24.75
Shipping
25.63
56.5
RACKMOUNT CONFIGURATION
Dimensions
mm
in.
Height
267
10.5
Width
483
19
Depth
231*2
9.1*2
Weight
kg
lbs.
Net
13.49
29.75
COOLING
Cooling Clearance
3 inches (76 mm)
required on left side.
*1 Does not include accessory pouch.
*2 From rackmounting ear to back of instrument.
Environmental
Temperature
Operating – +5 ºC to +45 ºC.
Nonoperating – –20 ºC to +60 ºC without diskette
in floppy drive.
Humidity
Operating – 20% to 80% relative humidity with
a maximum wet bulb temperature of +29 ºC at or
below +45 ºC, noncondensing. Upper limit de-rates
to 30% relative humidity at +45 ºC.
Nonoperating – Without diskette in floppy disk
drive. 5% to 90% relative humidity with a
maximum wet bulb temperature of +29 ºC at or
below +60 ºC, noncondensing. Upper limit derates
to 20% relative humidity at +60 ºC.
Altitude
Operating –
10,000 ft. (3,048 m).
Nonoperating –
40,000 ft. (12,190 m).
Random Vibration
Operating – 0.1 G
RMS from 5 to 500 Hz, 10 minutes
each axis, 3-axes, 30 minutes total.
Nonoperating – 2.0 G
RMS from 5 to 500 Hz,
10 minutes each axis, 3-axes, 30 minutes total.
Regulatory Certifications
Electromagnetic Compatibility – 89/336/EEC.
Safety – UL61010, CSA-22.2 No. 1010.1,
EN61010-1, IEC61010-1.
Ordering Information
TDS5032B
350 MHz, 5 GS/s, 2 channel digital phosphor
oscilloscope.
TDS5034B
350 MHz, 5 GS/s, 4 channel digital phosphor
oscilloscope.
TDS5052B
500 MHz, 5 GS/s, 2 channel digital phosphor
oscilloscope.
TDS5054B
500 MHz, 5 GS/s, 4 channel digital phosphor
oscilloscope.
TDS5054BE
500 MHz, 1 GS/s, 4 channel digital phosphor
oscilloscope.
TDS5104B
1 GHz, 5 GS/s, 4 channel digital phosphor
oscilloscope.
All Models Include: (1) P5050 500 MHz,
10x passive probe per channel, Accessory Pouch
(016-1935-00), Front Cover (200-4651-00),
Mouse (119-6936-00), Quick Start User Manual,
TDS5000B Series Product Software CD-ROM,
TDS5000B Series Operating System Restoration
CD-ROM, GPIB Programmer’s Reference, Optional
Applications Software CD-ROM, Getting Started
with OpenChoice® book, and Software Developer’s
Kit CD (020-2513-00), 30-day Evaluation Copies
of MATLAB (063-3609-00) and LabVIEW
(020-2476-02), Performance Verification
Procedure PDF file, Calibration Certificate
Documenting NIST Traceability, Z540-1
Compliance, and ISO9001 Registration,
Power Cord.
Please specify power plug and manual version
when ordering.
Oscilloscopes • www.tektronix.com/tds5000b
10


Similar Part No. - TDS5034B

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TDS500 TEKTRONIX-TDS500 Datasheet
202Kb / 4P
   Differential Preamplifier
TDS5000 TEKTRONIX-TDS5000 Datasheet
202Kb / 4P
   Differential Preamplifier
More results

Similar Description - TDS5034B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3000C ETC2-TDS3000C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
TDS3012B ETC1-TDS3012B Datasheet
433Kb / 8P
   DIGITAL PHOSPHOR OSCILLOSCOPES
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com