Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ3200-L Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # MAZ3200-L
Description  Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ3200-L Datasheet(HTML) 6 Page - Panasonic Semiconductor

  MAZ3200-L Datasheet HTML 1Page - Panasonic Semiconductor MAZ3200-L Datasheet HTML 2Page - Panasonic Semiconductor MAZ3200-L Datasheet HTML 3Page - Panasonic Semiconductor MAZ3200-L Datasheet HTML 4Page - Panasonic Semiconductor MAZ3200-L Datasheet HTML 5Page - Panasonic Semiconductor MAZ3200-L Datasheet HTML 6Page - Panasonic Semiconductor MAZ3200-L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
399
Zener Diodes
MAZ3000 Series
SZ  IZ
SZ  IZ
−3
−2
−1
0
1
0
20406080
100
120
Zener current I
Z
(mA)
Tj
= 25°C to 150°C
MAZ3043
MAZ3039
MAZ3036
MAZ3033
MAZ3030
MAZ3027
MAZ3024
−6
−4
−2
0
2
4
6
8
10
0
4
8
12
16
20
24
Zener current I
Z
(mA)
Tj
= 25°C to 150°C
MAZ3100
MAZ3091
MAZ3082
MAZ3075
MAZ3062
MAZ3056
MAZ3047
MAZ3020
MAZ3068
MAZ3051


Similar Part No. - MAZ3200-L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ3270 PANASONIC-MAZ3270 Datasheet
103Kb / 7P
   Silicon planar type
MAZ32700H PANASONIC-MAZ32700H Datasheet
103Kb / 7P
   Silicon planar type
MAZ32700L PANASONIC-MAZ32700L Datasheet
103Kb / 7P
   Silicon planar type
MAZ32700M PANASONIC-MAZ32700M Datasheet
103Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ3200-L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com